Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L2561616A-7TG2K Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L2561616A-7TG2K
Description  JEDEC standard 3.3V power supply
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L2561616A-7TG2K Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M12L2561616A-7TG2K Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
ESMT
M12L2561616A (2K)
Elite Semiconductor Memory Technology Inc.
Publication Date: Jun. 2012
Revision: 1.4
3/45
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Operating ambient temperature
TA
0 ~ +70
C
°
Storage temperature
TSTG
-55 ~ +150
C
°
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Note:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATING are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC OPERATING CONDITION
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70 C
° )
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
IIL
-5
-
5
μ A
3
Output leakage current
IOL
-5
-
5
μ A
4
Note:
1. VIH(max) = 4.6V AC for pulse width ≤ 10ns acceptable.
2. VIL(min) = -1.5V AC for pulse width ≤ 10ns acceptable.
3. Any input 0V
≤ VIN VDD , all other pins are not under test = 0V.
4. Dout is disabled, 0V
VOUT VDD.
CAPACITANCE (VDD = 3.3V, TA = 25 C
° , f = 1MHz)
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0 ~ A12, BA0 ~ BA1)
CIN1
1.5
3
pF
Input capacitance (CLK)
CCLK
2
3
pF
Input capacitance
(CKE, CS , RAS , CAS , WE & L(U)DQM)
CIN2
1.5
4.5
pF
Data input/output capacitance (DQ0 ~ DQ15)
COUT
2
4.5
pF


Similar Part No. - M12L2561616A-7TG2K

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-7TG ESMT-M12L2561616A-7TG Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A-7TG ESMT-M12L2561616A-7TG Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L2561616A-7TG2K

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A-2A ESMT-M12L2561616A-2A Datasheet
932Kb / 45P
   JEDEC standard 3.3V power supply
M12L32321A-2G ESMT-M12L32321A-2G Datasheet
525Kb / 28P
   JEDEC standard 3.3V 짹 0.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com