Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402HL-271XJR Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402HL-271XJR
Description  Higher inductance values than other 0402 ceramic chip inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402HL-271XJR Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402HL-271XJR Datasheet HTML 1Page - Coilcraft lnc. 0402HL-271XJR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 913-2 Revised 10/04/11
Document 913-2
L vs Frequency
Typical Q vs Frequency
Irms Derating
Chip Inductors – 0402HL Series
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Typical Impedance vs Frequency


Similar Part No. - 0402HL-271XJR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP COILCRAFT-0402HP Datasheet
231Kb / 2P
   Chip Inductors
0402HP-10NXGLQ COILCRAFT-0402HP-10NXGLQ Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXGLU COILCRAFT-0402HP-10NXGLU Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXGLW COILCRAFT-0402HP-10NXGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXJLW COILCRAFT-0402HP-10NXJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
More results

Similar Description - 0402HL-271XJR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
   Higher SRF than our other power inductors, High inductance with tight tolerance
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
   Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
logo
Ohmite Mfg. Co.
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
   Available for ohmic values other than those listed
logo
Bourns Electronic Solut...
CW105550A BOURNS-CW105550A Datasheet
323Kb / 3P
   0402 Chip Inductors
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
   0402/0603 Chip Inductors
logo
Advanced Thermal Soluti...
ATS-52230P-C1-R0 ATS-ATS-52230P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52270B-C1-R0 ATS-ATS-52270B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52290P-C1-R0 ATS-ATS-52290P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52300B-C1-R0 ATS-ATS-52300B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52310B-C1-R0 ATS-ATS-52310B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com