Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGN-375A01W-35-2M4 Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # HGN-375A01W-35-2M4
Description  FUSED WITH ON/OFF SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

HGN-375A01W-35-2M4 Datasheet(HTML) 3 Page - PowerDynamics, Inc

  HGN-375A01W-35-2M4 Datasheet HTML 1Page - PowerDynamics, Inc HGN-375A01W-35-2M4 Datasheet HTML 2Page - PowerDynamics, Inc HGN-375A01W-35-2M4 Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HGN-375(A,B,C) Series Attenuation Tables
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
35 38 40 32 20 24
8 25 37 71 62 12
30 34 36 31 18 22
8 23 34 68 64 14
27 34 36 29 23 22
8 19 27 58 65 15
22 27 28 29 26 13
8 18 26 43 51 31
20 25 26 27 25 32
8 18 25 29 38 31
9 13 19 19 17 13
7 17 23 39 47 27
28 35 37 28 22 24
8 20 29 61 48 15
25 33 58 51 56 41
8 20 30 57 47 13
11 16 18 18 16 12
8 18 24 47 36 24
19 23 24 27 27 21
8 19 27 47 45 30
11 16 18 18 16 12
8 18 24 47 36 24
37 45 41 22 30 19
17 35 47 57 44 34
31 35 37 31 37 15
16 34 48 57 54 18
25 29 30 26 19 12
15 28 38 52 47 19
24 27 28 30 27 22
14 26 37 44 45 23
19 24 25 25 23 17
15 26 33 50 44 27
14 16 18 20 20 15
14 26 34 37 35 26
17 36 49 65 47 23
38 42 42 25 43 16
35 38 40 33 20 24
16 33 45 66 53 14
26 30 31 27 19 14
14 27 37 60 46 20
19 24 25 25 24 17
14 25 33 45 42 29
Attenuation
Code
A
B
C
D
Attenuation
Code
M1
M2
M3
M4
Current
Rating
1A
2A
3A
4A
6A
10A
1A
2A
3A
4A
10A
1A
2A
3A
4A
6A
10A
1A
2A
4A
6A
Current
Rating
1A
2A
3A
4A
6A
10A
1A
2A
3A
4A
6A
10A
1A
2A
3A
4A
6A
10A
1A
2A
3A
4A
6A
10A
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 40 32 26 11
8 25 37 71 62 12
29 32 55 48 49 51
8 23 34 68 64 14
28 36 39 45 48 39
8 19 27 58 65 15
22 27 30 48 54 47
8 19 28 66 72 34
18 24 28 44 50 47
8 18 26 43 51 31
8 14 18 33 41 39
8 18 25 29 38 31
29 33 47 53 57 41
8 23 35 73 58 14
28 37 44 52 56 41
8 19 27 74 59 17
25 33 46 53 57 44
8 19 29 63 62 13
19 24 27 43 53 38
8 18 25 57 60 32
19 29 36 49 55 46
8 18 23 50 54 24
11 19 24 41 53 36
8 18 24 51 46 25
37 44 52 47 48 49
17 35 48 65 57 36
31 34 48 50 52 50
16 33 48 63 62 17
25 30 34 45 47 39
15 27 37 59 57 21
27 28 33 50 56 48
14 26 35 51 57 24
19 25 30 43 51 44
15 25 32 60 59 29
14 19 24 41 54 42
14 25 33 45 56 31
36 54 53 45 32 40
26 60 84 49 36 17
35 42 50 51 57 59
15 32 45 70 71 14
25 31 37 48 52 37
15 27 37 60 56 23
26 32 41 49 51 45
14 26 36 64 57 23
19 27 32 47 56 45
14 25 31 56 59 31
14 18 22 38 49 41
17 42 64 58 49 29
y
This table applies to schematic 1 only.
Visit our website or contact PDI for other schematic attenuation numbers.
4
This table applies to schematic 1M only.
Visit our website or contact PDI for other schematic attenuation numbers.
Medical Applications
Non-Medical Applicationsy
4
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
83
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - HGN-375A01W-35-2M4

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-10M-F1 POWERDYNAMICS-HGN-375-10M-F1 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-10M-F2 POWERDYNAMICS-HGN-375-10M-F2 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-1M-F1 POWERDYNAMICS-HGN-375-1M-F1 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-1M-F2 POWERDYNAMICS-HGN-375-1M-F2 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
More results

Similar Description - HGN-375A01W-35-2M4

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-367A POWERDYNAMICS-HGN-367A Datasheet
125Kb / 2P
   FUSED WITH DISTANCE SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-339 POWERDYNAMICS-HGN-339 Datasheet
401Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-341 POWERDYNAMICS-HGN-341 Datasheet
446Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
44R01-X131-XXX POWERDYNAMICS-44R01-X131-XXX Datasheet
61Kb / 1P
   IEC 60320 STRIP APPL. INLET & OUTLET SNAP IN, QC TERM., 5x20mm FUSE HOLDER
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com