Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9856 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9856 Datasheet HTML 2Page - Analog Devices AD9856 Datasheet HTML 3Page - Analog Devices AD9856 Datasheet HTML 4Page - Analog Devices AD9856 Datasheet HTML 5Page - Analog Devices AD9856 Datasheet HTML 6Page - Analog Devices AD9856 Datasheet HTML 7Page - Analog Devices AD9856 Datasheet HTML 8Page - Analog Devices AD9856 Datasheet HTML 9Page - Analog Devices AD9856 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9856
–6–
REV. B
Typical Modulated Output Spectral Plots
START 0Hz
5MHz/
STOP 50MHz
0
–8
REF LVL
–25dBm
1AP
–16
–24
–32
–40
–48
–56
–64
–72
–80
RBW
10kHz
RF ATT 10dB
VBW
1kHz
SWT
12.5s
Unit
dBm
Figure 1. QPSK at 42 MHz and 2.56 MS/s; 10.24 MHz
External Clock with REFCLK Multiplier = 12, CIC = 3,
HB3 On, 2
× Data
START 0Hz
4MHz/
STOP 40MHz
0
–8
REF LVL
–30dBm
1AP
–16
–24
–32
–40
–48
–56
–64
–72
–80
RBW
10kHz
RF ATT
10dB
VBW
1kHz
SWT
10s
UNIT
dBm
Figure 2. 64-QAM at 28 MHz and 6 MS/s; 36 MHz External
Clock with REFCLK Multiplier = 4, CIC = 2, HB3 Off, 3
× Data
START 0Hz
8MHz/
STOP 80MHz
0
–8
REF LVL
–25dBm
1AP
–16
–24
–32
–40
–48
–56
–64
–72
–80
RBW
10kHz
RF ATT
10dB
VBW
1kHz
SWT
20s
Unit
dBm
Figure 3. 16-QAM at 65 MHz and 2.56 MS/s; 10.24 MHz
External Clock with REFCLK Multiplier = 18, CIC = 9,
HB3 Off, 2
× Data
START 0Hz
5MHz/
STOP 50MHz
0
–8
REF LVL
–30dBm
1AP
–16
–24
–32
–40
–48
–56
–64
–72
–80
RBW
10kHz
RF ATT
10dB
VBW
1kHz
SWT
12.5s
UNIT
dBm
Figure 4. 256-QAM at 38 MHz and 6 MS/s; 48 MHz External
Clock with REFCLK Multiplier = 4, CIC = 2, HB3 Off, 4
× Data


Similar Part No. - AD9856

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9856 AD-AD9856 Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9856 AD-AD9856 Datasheet
966Kb / 36P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856/PCB AD-AD9856/PCB Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9856AST AD-AD9856AST Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. C
More results

Similar Description - AD9856

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
logo
Tyco Electronics
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
   Quadrature Hybrid 100 - 200 MHz
logo
M/A-COM Technology Solu...
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
   Quadrature Hybrid, 100 - 200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com