Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOL1432A Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOL1432A
Description  N-Channel SDMOS POWER Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1432A Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOL1432A Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1432A Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1432A Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1432A Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1432A Datasheet HTML 5Page - Alpha & Omega Semiconductors AOL1432A Datasheet HTML 6Page - Alpha & Omega Semiconductors AOL1432A Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AOL1432A
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=60°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0
10
20
30
40
50
60
70
0.000001
0.00001
0.0001
0.001
Time in avalanche, tA (s)
Figure 12: Single Pulse Avalanche capability
TA=150°C
0
10
20
30
40
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 13: Power De-rating (Note B)
0
10
20
30
40
50
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 14: Current De-rating (Note B)
TA=25°C
1
10
100
1000
10000
0
0
0
0.01 0.1
1
10
100 1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
TA=25°C
TA=100°C
TA=125°C
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOL1432A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1432 AOSMD-AOL1432 Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1432 AOSMD-AOL1432 Datasheet
145Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1432L AOSMD-AOL1432L Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1432 AOSMD-AOL1432_08 Datasheet
145Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOL1432A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6450L AOSMD-AON6450L Datasheet
274Kb / 7P
   N-Channel SDMOS TM Power Transistor
AOB414 AOSMD-AOB414 Datasheet
350Kb / 7P
   N-Channel SDMOS TM Power Transistor
AOT410L AOSMD-AOT410L Datasheet
324Kb / 7P
   100V N-Channel MOSFET SDMOS?
logo
Infineon Technologies A...
IPP881N08NG INFINEON-IPP881N08NG Datasheet
226Kb / 6P
   n-channel Power-Transistor
Rev. 2.1 2008-06-19
logo
Thinki Semiconductor Co...
F55NF06 THINKISEMI-F55NF06 Datasheet
334Kb / 6P
   N-CHANNEL POWER MOSFET TRANSISTOR
logo
Alpha & Omega Semicondu...
AOD4136 AOSMD-AOD4136 Datasheet
156Kb / 6P
   N-Channel SDMOSTM POWER Transistor
logo
Siemens Semiconductor G...
BUZ332A SIEMENS-BUZ332A Datasheet
215Kb / 9P
   SIPMOS Power Transistor(N Channel)
BUZ91 SIEMENS-BUZ91 Datasheet
121Kb / 9P
   SIPMOS Power Transistor(N Channel)
logo
Alpha & Omega Semicondu...
AOT412 AOSMD-AOT412 Datasheet
315Kb / 7P
   N-Channel SDMOSTM Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com