Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0440007.WR Datasheet(PDF) 2 Page - Littelfuse

Part # 0440007.WR
Description  Surface Mount Fuses Ceramic Fuse > 440 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0440007.WR Datasheet(HTML) 2 Page - Littelfuse

  0440007.WR Datasheet HTML 1Page - Littelfuse 0440007.WR Datasheet HTML 2Page - Littelfuse 0440007.WR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
2
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
Please refer to www.littelfuse.com/series/440.html for current information.
440 Series
Ceramic Fuse > 440 Series
Average Time Current Curves
0.001
0.1
1.0
10.0
100.0
1000.
0.01
0.1
1
10
100
CURRENT IN AMPERES
reflow condition
Pb-freeassembly
pre Heat
-Temperature min (T
s(min))
150°C
-Temperature max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 seconds
Average ramp-up rate (liquidusTemp
(T
l) to peak)
3°C/second max.
T
S(max) to Tl - ramp-up rate
5°C/second max.
reflow
-Temperature (T
l) (liquidus)
217°C
-Temperature (t
l)
60 – 150 seconds
peakTemperature (T
p)
260+0/-5 °C
Time within 5°c of actual peak
Temperature (t
p)
10 – 30 seconds
ramp-down rate
6°C/second max.
Time 25°c to peakTemperature (T
p)
8 minutes max.
Do not exceed
260°C
Soldering Parameters
Temperature Derating Curve
40
60
80
100
120
140
-65
-45
-25
-5
15
35
55
75
95
115
135 155
TEMPERATURE (°C)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Example:
For continuous operation at 75 degrees celsius, the fuse should be derated as follows:
I = (0.80)(0.85)I
RAT = (0.68)IRAT
Note:
1. Derating depicted in this curve is in addition to the standard derating of 20% for
continuous operation.
Wave Soldering
260°C, 10 seconds max.


Similar Part No. - 0440007.WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0440001.WR LITTELFUSE-0440001.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440002.WR LITTELFUSE-0440002.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440003.WR LITTELFUSE-0440003.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440004.WR LITTELFUSE-0440004.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440005.WR LITTELFUSE-0440005.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
More results

Similar Description - 0440007.WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0440.250WR LITTELFUSE-0440.250WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440.375WR LITTELFUSE-0440.375WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440.750WR LITTELFUSE-0440.750WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
044001.5WR LITTELFUSE-044001.5WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440001.WR LITTELFUSE-0440001.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440004.WR LITTELFUSE-0440004.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440005.WR LITTELFUSE-0440005.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
044002.5WR LITTELFUSE-044002.5WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
044003.5WR LITTELFUSE-044003.5WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
04401.25WR LITTELFUSE-04401.25WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com