Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOK60N30 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOK60N30
Description  300V,60A N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK60N30 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOK60N30 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK60N30 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK60N30 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK60N30 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK60N30 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AOK60N30
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
V
DS (Volts)
Fig 1: On-Region Characteristics
V
GS=5V
6V
10V
6.5V
5.5V
7V
0.1
1
10
100
1000
2
4
6
8
10
V
GS(Volts)
Figure 2: Transfer Characteristics
-55°C
V
DS=40V
25°C
125°C
0.00
0.02
0.04
0.06
0.08
0.10
0
20
40
60
80
100
120
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
V
GS=10V
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=10V
I
D=30A
40
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
Voltage
0.8
0.9
1
1.1
1.2
-100
-50
0
50
100
150
200
T
J (°C)
Figure 5:Break Down vs. Junction Temparature
Rev0: May 2012
www.aosmd.com
Page 3 of 5


Similar Part No. - AOK60N30

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK60N30L AOSMD-AOK60N30L Datasheet
362Kb / 5P
   300V,60A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOK60N30L ISC-AOK60N30L Datasheet
422Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOK60N30

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK60N30L AOSMD-AOK60N30L Datasheet
362Kb / 5P
   300V,60A N-Channel MOSFET
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com