Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD9831EB Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD9831EB
Description  CMOS Complete DDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9831EB Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD9831EB Datasheet HTML 5Page - Analog Devices EVAL-AD9831EB Datasheet HTML 6Page - Analog Devices EVAL-AD9831EB Datasheet HTML 7Page - Analog Devices EVAL-AD9831EB Datasheet HTML 8Page - Analog Devices EVAL-AD9831EB Datasheet HTML 9Page - Analog Devices EVAL-AD9831EB Datasheet HTML 10Page - Analog Devices EVAL-AD9831EB Datasheet HTML 11Page - Analog Devices EVAL-AD9831EB Datasheet HTML 12Page - Analog Devices EVAL-AD9831EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD9831
–9–
REV. A
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 17. fMCLK = 25 MHz, fOUT = 6.1 MHz, Frequency
Word = 3E76C8B4
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 18. fMCLK = 25 MHz, fOUT = 7.1 MHz, Frequency
Word = 48B43958
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 19. fMCLK = 25 MHz, fOUT = 8.1 MHz, Frequency
Word = 52F1A9FC
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 20. fMCLK = 25 MHz, fOUT = 9.1 MHz, Frequency
Word = 5D2F1AA0


Similar Part No. - EVAL-AD9831EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD9832SDZ AD-EVAL-AD9832SDZ Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
EVAL-AD9833EB AD-EVAL-AD9833EB Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
EVAL-AD9833SDZ AD-EVAL-AD9833SDZ Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
EVAL-AD9834EB AD-EVAL-AD9834EB Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
EVAL-AD9834SDZ AD-EVAL-AD9834SDZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
More results

Similar Description - EVAL-AD9831EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Quadrature Complete DDS
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com