Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9831 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9831
Description  CMOS Complete DDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9831 Datasheet HTML 2Page - Analog Devices AD9831 Datasheet HTML 3Page - Analog Devices AD9831 Datasheet HTML 4Page - Analog Devices AD9831 Datasheet HTML 5Page - Analog Devices AD9831 Datasheet HTML 6Page - Analog Devices AD9831 Datasheet HTML 7Page - Analog Devices AD9831 Datasheet HTML 8Page - Analog Devices AD9831 Datasheet HTML 9Page - Analog Devices AD9831 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9831
–6–
REV. A
±2 MHz about the fundamental frequency. The narrow band
SFDR gives the attenuation of the largest spur or harmonic in a
bandwidth of
±50 kHz about the fundamental frequency.
Clock Feedthrough
There will be feedthrough from the MCLK input to the analog
output. Clock feedthrough refers to the magnitude of the
MCLK signal relative to the fundamental frequency in the
AD9831’s output spectrum.
Table I. Control Registers
Register
Size
Description
FREQ0 REG
32 Bits
Frequency Register 0. This de-
fines the output frequency, when
FSELECT = 0, as a fraction of the
MCLK frequency.
FREQ1 REG
32 Bits
Frequency Register 1. This de-
fines the output frequency, when
FSELECT = 1, as a fraction of the
MCLK frequency.
PHASE0 REG
12 Bits
Phase Offset Register 0. When
PSEL0 = PSEL1 = 0, the contents
of this register are added to the
output of the phase accumulator.
PHASE1 REG
12 Bits
Phase Offset Register 1. When
PSEL0 = 1 and PSEL1 = 0, the con-
tents of this register are added to
the output of the phase accumulator.
PHASE2 REG
12 Bits
Phase Offset Register 2. When
PSEL0 = 0 and PSEL1 = 1, the con-
tents of this register are added to
the output of the phase accumulator.
PHASE3 REG
12 Bits
Phase Offset Register 3. When
PSEL0 = PSEL1 = 1, the contents
of this register are added to the
output of the phase accumulator.
Table II. Addressing the Control Registers
A2
A1
A0
Destination Register
0
0
0
FREQ0 REG 16 LSBs
0
0
1
FREQ0 REG 16 MSBs
0
1
0
FREQ1 REG 16 LSBs
0
1
1
FREQ1 REG 16 MSBs
1
0
0
PHASE0 REG
1
0
1
PHASE1 REG
1
1
0
PHASE2 REG
1
1
1
PHASE3 REG
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The
endpoints of the transfer function are zero scale, a point 0.5
LSB below the first code transition (000 . . . 00 to 000 . . . 01)
and full scale, a point 0.5 LSB above the last code transition
(111 . . . 10 to 111 . . . 11). The error is expressed in LSBs.
Differential Nonlinearity
This is the difference between the measured and ideal 1 LSB
change between two adjacent codes in the DAC.
Signal to (Noise + Distortion)
Signal to (Noise + Distortion) is measured signal to noise at the
output of the DAC. The signal is the rms magnitude of the
fundamental. Noise is the rms sum of all the nonfundamental
signals up to half the sampling frequency (fMCLK/2) but exclud-
ing the dc component. Signal to (Noise + Distortion) is
dependent on the number of quantization levels used in the
digitization process; the more levels, the smaller the quantiza-
tion noise. The theoretical Signal to (Noise + Distortion) ratio
for a sine wave input is given by
Signal to (Noise + Distortion) = (6.02N + 1.76) dB
where N is the number of bits. Thus, for an ideal 10-bit con-
verter, Signal to (Noise + Distortion) = 61.96 dB.
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the rms sum
of harmonics to the rms value of the fundamental. For the
AD9831, THD is defined as
THD
= 20 log
(V 2
2 +V
3
2 +V
4
2 +V
5
2 +V
6
2
V1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5 and V6 are the rms amplitudes of the second through the
sixth harmonic.
Output Compliance
The output compliance refers to the maximum voltage which
can be generated at the output of the DAC to meet the specifi-
cations. When voltages greater than that specified for the
output compliance are generated, the AD9831 may not meet
the specifications listed in the data sheet.
Spurious Free Dynamic Range
Along with the frequency of interest, harmonics of the funda-
mental frequency and images of the MCLK frequency are
present at the output of a DDS device. The spurious free dy-
namic range (SFDR) refers to the largest spur or harmonic
which is present in the band of interest. The wide band SFDR
gives the magnitude of the largest harmonic or spur relative to
the magnitude of the fundamental frequency in the bandwidth
Table III. Frequency Register Bits
D15
D0
MSB
LSB
Table IV. Phase Register Bits
D15
D14
D13
D12
D11
D0
XXXX
MSB
LSB


Similar Part No. - AD9831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9831 AD-AD9831 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9831 AD-AD9831 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9831ASTZ AD-AD9831ASTZ Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9831ASTZ-REEL AD-AD9831ASTZ-REEL Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
More results

Similar Description - AD9831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Quadrature Complete DDS
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com