Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9822JRS Datasheet(PDF) 11 Page - Analog Devices

Part # AD9822JRS
Description  Complete 14-Bit CCD/CIS Signal Processor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822JRS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9822JRS Datasheet HTML 7Page - Analog Devices AD9822JRS Datasheet HTML 8Page - Analog Devices AD9822JRS Datasheet HTML 9Page - Analog Devices AD9822JRS Datasheet HTML 10Page - Analog Devices AD9822JRS Datasheet HTML 11Page - Analog Devices AD9822JRS Datasheet HTML 12Page - Analog Devices AD9822JRS Datasheet HTML 13Page - Analog Devices AD9822JRS Datasheet HTML 14Page - Analog Devices AD9822JRS Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
REV. A
AD9822
–11–
PGA Gain Registers
There are three PGA registers for individually programming the gain in the red, green, and blue channels. Bits D8, D7, and D6 in
each register must be set low, and bits D5 through D0 control the gain range in 64 increments. See Figure 13 for a graph of the PGA
Gain versus PGA register code. The coding for the PGA registers is straight binary, with an all “zeros” word corresponding to the
minimum gain setting (1x) and an all “ones” word corresponding to the maximum gain setting (5.7x).
Table IV. PGA Gain Register Settings
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain (V/V)
Gain (dB)
Set to 0
Set to 0
Set to 0
MSB
LSB
00
00
0
0
0
0
0
*
1.0
0.0
0
0
0
0
0
0
0
0
1
1.013
0.12
0
0
0
1
1
1
1
1
0
5.4
14.6
0
0
0
1
1
1
1
1
1
5.7
15.1
*Power-on default value.
Offset Registers
There are three PGA registers for individually programming the offset in the red, green, and blue channels. Bits D8 through D0
control the offset range from –350 mV to +350 mV in 512 increments. The coding for the offset registers is sign magnitude, with D8
as the sign bit. Table V shows the offset range as a function of the Bits D8 through D0.
Table V. Offset Register Settings
D8
D7
D6
D5
D4
D3
D2
D1
D0
Offset (mV)
MSB
LSB
000000000
*
0
000000001+1.2
011111111
+350
1000000000
100000001
–1.2
111111111
–350
*Power-on default value.


Similar Part No. - AD9822JRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9822JRS AD-AD9822JRS Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9822JRSRL AD-AD9822JRSRL Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9822JRSZ AD-AD9822JRSZ Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9822JRSZRL AD-AD9822JRSZRL Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
More results

Similar Description - AD9822JRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9822JRZ AD-AD9822JRZ Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066 Datasheet
427Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
REV. A
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Texas Instruments
VSP3100 TI1-VSP3100_14 Datasheet
1Mb / 6P
[Old version datasheet]   14-Bit, 10MHz CCD/CIS SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com