Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L64322A-7TG2U Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64322A-7TG2U
Description  512K x 32 Bit x 4 Banks
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64322A-7TG2U Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M12L64322A-7TG2U Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG2U Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG2U Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG2U Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG2U Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG2U Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG2U Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG2U Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64322A-7TG2U Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ESMT
M12L64322A (2U)
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2010
Revision: 1.0
4/46
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
C
°
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Note:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATING are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC OPERATING CONDITION
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70 C
°)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
IIL
-5
-
5
μ A
3
Output leakage current
IOL
-5
-
5
μ A
4
Note:
1. VIH(max) = 4.6V AC for pulse width
10ns acceptable.
2. VIL(min) = -1.5V AC for pulse width
10ns acceptable.
3. Any input 0V
V
IN
VDD, all other pins are not under test = 0V.
4. Dout is disabled, 0V
VOUT VDD.
CAPACITANCE (VDD = 3.3V, TA = 25 C
° , f = 1MHz)
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0 ~ A10, BA0 ~ BA1)
CIN1
2
4
pF
Input capacitance
(CLK, CKE, CS , RAS , CAS , WE & DQM)
CIN2
2
4
pF
Data input/output capacitance (DQ0 ~ DQ31)
COUT
2
5
pF


Similar Part No. - M12L64322A-7TG2U

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64322A-7TG ESMT-M12L64322A-7TG Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A-7TG ESMT-M12L64322A-7TG Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L64322A-7TG2U

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com