Electronic Components Datasheet Search |
|
M12L64164A-7BG2Y Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc. |
|
M12L64164A-7BG2Y Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc. |
5 / 45 page ESMT M12L64164A (2Y) Elite Semiconductor Memory Technology Inc. Publication Date: May 2012 Revision: 1.1 5/45 AC OPERATING TEST CONDITIONS (VDD = 3.3V ± 0.3V) PARAMETER VALUE UNIT Input levels (Vih/Vil) 2.4/0.4 V Input timing measurement reference level 1.4 V Input rise and fall-time tr/tf = 1/1 ns Output timing measurement reference level 1.4 V Output load condition See Fig. 2 (Fig. 1) DC Output Load Circuit (Fig. 2) AC Output Load Circuit OPERATING AC PARAMETER (AC operating conditions unless otherwise noted) VERSION PARAMETER SYMBOL -5 -6 -7 UNIT NOTE Row active to row active delay tRRD(min) 10 12 14 ns 1 RAS to CAS delay tRCD(min) 15 18 21 ns 1 Row precharge time tRP(min) 15 18 21 ns 1 tRAS(min) 38 40 42 ns 1 Row active time tRAS(max) 100 us @ Operating tRC(min) 53 58 63 ns 1 Row cycle time @ Auto refresh tRFC(min) 55 60 70 ns 1,5 Last data in to col. address delay tCDL(min) 1 CLK 2 Last data in to row precharge tRDL(min) 2 CLK 2 Last data in to burst stop tBDL(min) 1 CLK 2 Col. address to col. address delay tCCD(min) 1 CLK 3 Refresh period (4,096 rows) tREF(max) 64 ms 6 CAS latency = 3 2 Number of valid Output data CAS latency = 2 1 ea 4 Note: 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next higher integer. 2. Minimum delay is required to complete with. 3. All parts allow every cycle column address change. 4. In case of row precharge interrupt, auto precharge and read burst stop. 5. A new command may be given tRFC after self refresh exit. 6. A maximum of eight consecutive AUTO REFRESH commands (with tRFC(min)) can be posted to any given SDRAM, and the maximum absolute interval between any AUTO REFRESH command and the next AUTO REFRESH command is 8x15.6 μ s. Output 870 VOH (DC) =2.4V , IOH = -2 mA VOL (DC) =0.4V , IOL = 2 mA Output 50pF Z0 =50 50pF 50 Vtt = 1.4V 3.3V 1200 Ω Ω Ω Ω |
Similar Part No. - M12L64164A-7BG2Y |
|
Similar Description - M12L64164A-7BG2Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |