Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNS12YCT52R1001D Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RNS12YCT52R1001D
Description  MIL approved metal film leaded resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RNS12YCT52R1001D Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RNS12YCT52R1001D Datasheet HTML 1Page - KOA Speer Electronics, Inc. RNS12YCT52R1001D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
features
Suitable for automatic machine insertion
Marking: Blue-gray body color with alpha-numeric black
marking per military requirements
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
AEC-Q200 Qualified: RNS1 only
Excellent long term stability in resistance values
RNS
MIL approved metal film leaded resistor
dimensions and construction
Ceramic Core
d
D
Resistive
Film
Trimming Line
End
Cap
Lead
Wire
L
l
Insulation
Coating
L (ref.)
RNS1/8
.250±.04
(6.35±1)
.091±.02
(2.3±0.5)
.024
(0.6)
1.496
(38)
.138±.02
(3.5±0.5)
.374±.04
(9.5±1)
RNS1/4
Type
Dd
l*
Dimensions inches
(mm)
1/8: T26, T52
1/4, 1/2: T52
1: T521
ordering information
3 significant
figures + 1
multiplier
“R” indicates
decimal on
value <100Ω
1/8: 0.125W
1/4: 0.25W
1/2: 0.5W
1: 1W
Y: ±5
T: ±10
E: ±25
C: ±50
C: SnCu
B: ±0.1%
C: ±0.25%
D: ±0.5%
F: ±1.0%
RNS
1/8
E
C
T.C.R.
Type
Power
Rating
Nominal
Resistance
Tolerance
Termination
Material
Taping and
Forming
New Part #
T52
1001
A: Ammo
R: Reel
Packaging
R
F
For further information
on packaging, please refer
to Appendix C.
RNS1/2
.531±.04
(13.5±1)
.138±.02
(3.5±0.5)
.216±.02
(5.5±0.5)
.031
(0.8)
.610±.04
(15.5±1)
RNS1
EU
129
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
* Lead length changes depending on taping and forming type.


Similar Part No. - RNS12YCT52R1001D

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNS12 SEI-RNS12 Datasheet
286Kb / 5P
   Ultra Miniature Metal Film Resistor
10/22/2020
RNS12DAD100R SEI-RNS12DAD100R Datasheet
286Kb / 5P
   Ultra Miniature Metal Film Resistor
10/22/2020
RNS12DAD10K2 SEI-RNS12DAD10K2 Datasheet
286Kb / 5P
   Ultra Miniature Metal Film Resistor
10/22/2020
RNS12DAD1M00 SEI-RNS12DAD1M00 Datasheet
286Kb / 5P
   Ultra Miniature Metal Film Resistor
10/22/2020
RNS12DAD4K75 SEI-RNS12DAD4K75 Datasheet
286Kb / 5P
   Ultra Miniature Metal Film Resistor
10/22/2020
More results

Similar Description - RNS12YCT52R1001D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RNS1YC KOA-RNS1YC Datasheet
95Kb / 2P
   MIL approved metal film leaded resistor
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
   general purpose metal film leaded resistor
MF14LCT52RR20J KOA-MF14LCT52RR20J Datasheet
271Kb / 2P
   general purpose metal film leaded resistor
logo
IRC - a TT electronics ...
CMH IRCTT-CMH Datasheet
238Kb / 3P
   Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
   power carbon film leaded resistor
SPR1CT26 KOA-SPR1CT26 Datasheet
103Kb / 2P
   power carbon film leaded resistor
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
   Standard Metal Film resistor
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
   SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
   Metal Film Melf Resistor
8/10/2022
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
   METAL GLAZED FILM RESISTOR
2020.08.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com