Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0449.750MR Datasheet(PDF) 2 Page - Littelfuse

Part # 0449.750MR
Description  Surface Mount Fuses NANO2 > Slo-Blo > 449 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0449.750MR Datasheet(HTML) 2 Page - Littelfuse

  0449.750MR Datasheet HTML 1Page - Littelfuse 0449.750MR Datasheet HTML 2Page - Littelfuse 0449.750MR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
449 Series
NANO> Slo-Blo® > 449 Series
Please refer to www.littelfuse.com/series/449.html for current information.
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (Min to Max) (t
s)
60 – 120 secs
Average ramp up rate (Liquidus Temp
(T
L) to peak
3°C/second max.
T
S(max) to TL - Ramp-up Rate
3°C/second max.
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 90 seconds
Peak Temperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max.
Time 25°C to peak Temperature (T
P)
8 minutes max.
Do not exceed
260°C
Soldering Parameters
Average Time Current Curves
Temperature Rerating Curve
CURRENT IN AMPERES
0.01
0.1
1
10
100
1000
0
1
10
100
Note:
1. Derating depicted in this curve is in addition to the standard derating of 25% for
continuous operation.
Wave Soldering Parameters
Temperature,
3 seconds max.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP


Similar Part No. - 0449.750MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0449.375MR LITTELFUSE-0449.375MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 449 Series
0449.500MR LITTELFUSE-0449.500MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 449 Series
More results

Similar Description - 0449.750MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
044901.5MR LITTELFUSE-044901.5MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2 > Slo-Blo > 449 Series
0452.750MRL LITTELFUSE-0452.750MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
0452.375MR LITTELFUSE-0452.375MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
0452.750NRL LITTELFUSE-0452.750NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
0454003.MR LITTELFUSE-0454003.MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series
0449002.MR LITTELFUSE-0449002.MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 449 Series
0449003.MR LITTELFUSE-0449003.MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 449 Series
0449.500MR LITTELFUSE-0449.500MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 449 Series
0449001.MR LITTELFUSE-0449001.MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 449 Series
0449004.MR LITTELFUSE-0449004.MR Datasheet
193Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 449 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com