Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0448.315MR Datasheet(PDF) 4 Page - Littelfuse

Part # 0448.315MR
Description  Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0448.315MR Datasheet(HTML) 4 Page - Littelfuse

  0448.315MR Datasheet HTML 1Page - Littelfuse 0448.315MR Datasheet HTML 2Page - Littelfuse 0448.315MR Datasheet HTML 3Page - Littelfuse 0448.315MR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
448 Series
NANO> Very Fast-Acting > 448 Series
Please refer to www.littelfuse.com/series/448.html for current information.
Materials
Product Marking
Operating
Temperature
-55o
o
Moisture Sensitivity
Level
Solderability
Insulation
Resistance (after
Opening)
Thermal Shock
o
125o
Mechanical Shock
sawtooth wave 6ms duration, 3
Vibration
Moisture Resistance
Salt Spray
Resistance to Soldering
Heat
o
Product Characteristics
F
7 A
6.86
3.15
2.95
1.96
2.69 ± .25
2.69 ± .25
1.45
6.10 ± .20
Recommended pad layout
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
12mm Tape and Reel
1000
MR
0448 001. M R
SERIES
AMP Code*
QUANTITY Code
PACKAGING Code
Refer to Electrical
Characteristics table
M = 1000 pcs
R = Tape and Reel
*Example:
1.5 amp product is 044801.5MR


Similar Part No. - 0448.315MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0448.315 LITTELFUSE-0448.315 Datasheet
142Kb / 1P
   Surface Mount Fuses
More results

Similar Description - 0448.315MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0448002.MR LITTELFUSE-0448002.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.080MR LITTELFUSE-0448.080MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.125MR LITTELFUSE-0448.125MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.750MR LITTELFUSE-0448.750MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.800MR LITTELFUSE-0448.800MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
04481.25MR LITTELFUSE-04481.25MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448003.MR LITTELFUSE-0448003.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
044801.5MR LITTELFUSE-044801.5MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448.200MR LITTELFUSE-0448.200MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com