Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9774 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9774
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9774 Datasheet HTML 4Page - Analog Devices AD9774 Datasheet HTML 5Page - Analog Devices AD9774 Datasheet HTML 6Page - Analog Devices AD9774 Datasheet HTML 7Page - Analog Devices AD9774 Datasheet HTML 8Page - Analog Devices AD9774 Datasheet HTML 9Page - Analog Devices AD9774 Datasheet HTML 10Page - Analog Devices AD9774 Datasheet HTML 11Page - Analog Devices AD9774 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
10
–60
–90
0
128.0
25.6
51.2
76.8
102.4
0
–50
–70
–80
–30
–40
–10
–20
“INBAND”
MHz
Figure 4. Single Tone Spectral Plot
@ 32 MSPS w/fOUT = 12.8 MHz (DC to
4
× CLKIN)
10
–60
–90
0
64.0
12.8
25.6
38.4
51.2
–70
–80
0
–50
–30
–40
–10
–20
“INBAND”
MHz
Figure 7. Single Tone Spectral Plot
@ 16 MSPS w/fOUT = 6.4 MHz (DC to
4
× CLKIN)
10
–60
–90
0
32.0
6.4
12.8
19.2
25.6
0
–50
–70
–80
–30
–40
–10
–20
MHz
Figure 10. Single Tone Spectral Plot
fOUT @ 8 MSPS w/fOUT = 3.2 MHz (DC
to 4
× CLKIN)
AD9774
–8–
REV. B
Typical AC Characterization Curves
(AVDD = +5 V, PLLVDD = +3 V, DVDD = +3 V, IOUTFS = 20 mA, 50
Doubly Terminated Load, Differential Output, TA = +25 C, unless otherwise
noted. Note: PLLVDD = +5 V and DVDD = +5 V for Figures 4, 5 and 6.)
fOUT – MHz
90
60
02
14
468
10
12
85
80
75
70
65
0dBFS
–6dBFS
–18dBFS
–12dBFS
Figure 5. “Inband” SFDR vs. fOUT
@ 32 MSPS (DC to CLKIN/2)
fOUT – MHz
90
60
0
17
23456
85
80
75
70
65
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 8. “Inband” SFDR vs. fOUT
@ 16 MSPS (DC to CLKIN/2)
fOUT – MHz
90
60
0
0.5
3.5
1
1.5
2
2.5
3
85
80
75
70
65
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 11. “Inband” SFDR vs. fOUT
@ 8 MSPS (DC to CLKIN/2)
fOUT – MHz
85
35
0
214
4
6
8
10
12
80
55
50
45
40
70
60
75
65
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 6. “Out-of-Band” SFDR vs. fOUT
@ 32 MSPS (CLKIN/2 to 3 1/2 CLKIN)
fOUT – MHz
85
35
0
17
23456
80
55
50
45
40
70
60
75
65
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 9. “Out-of-Band” SFDR vs.
fOUT @ 16 MSPS (CLKIN/2 to 3 1/2
CLKIN)
fOUT – MHz
85
35
0
0.5
3.5
1
1.5
2
2.5
3
80
55
50
45
40
70
60
75
65
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 12. “Out-of-Band” SFDR vs.
fOUT @ 8 MSPS (CLKIN/2 to 3 1/2
CLKIN)


Similar Part No. - AD9774

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9774 AD-AD9774 Datasheet
302Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
More results

Similar Description - AD9774

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772 AD-AD9772 Datasheet
340Kb / 30P
   14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV. 0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com