Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ4204BFBG-DJ-F Datasheet(PDF) 4 Page - Elpida Memory

Part # EDJ4204BFBG-DJ-F
Description  Differential clock inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ4204BFBG-DJ-F Datasheet(HTML) 4 Page - Elpida Memory

  EDJ4204BFBG-DJ-F Datasheet HTML 1Page - Elpida Memory EDJ4204BFBG-DJ-F Datasheet HTML 2Page - Elpida Memory EDJ4204BFBG-DJ-F Datasheet HTML 3Page - Elpida Memory EDJ4204BFBG-DJ-F Datasheet HTML 4Page - Elpida Memory EDJ4204BFBG-DJ-F Datasheet HTML 5Page - Elpida Memory EDJ4204BFBG-DJ-F Datasheet HTML 6Page - Elpida Memory EDJ4204BFBG-DJ-F Datasheet HTML 7Page - Elpida Memory EDJ4204BFBG-DJ-F Datasheet HTML 8Page - Elpida Memory EDJ4204BFBG-DJ-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
EDJ4204BFBG, EDJ4208BFBG, EDJ4216BFBG
Preliminary Data Sheet E1923E20 (Ver. 2.0)
4
Pin Configurations (
× 16 configuration)
/xxx indicates active low signal.
Notes: 1.
Not internally connected with die.
2.
Input only pins (address, command, CKE, ODT and /RESET) do not supply termination.
Pin name
Function
Pin name
Function
A0 to A14*2
Address inputs
A10(AP): Auto precharge
A12(/BC): Burst chop
/RESET*2
Active low asynchronous reset
BA0 to BA2*2
Bank select
VDD
Supply voltage for internal circuit
DQU0 to DQU7
DQL0 to DQL7
Data input/output
VSS
Ground for internal circuit
DQSU, /DQSU
DQSL, /DQSL
Differential data strobe
VDDQ
Supply voltage for DQ circuit
/CS*2
Chip select
VSSQ
Ground for DQ circuit
/RAS, /CAS, /WE*2
Command input
VREFDQ
Reference voltage for DQ
CKE*2
Clock enable
VREFCA
Reference voltage for CA
CK, /CK
Differential clock input
ZQ
Reference pin for ZQ calibration
DMU, DML
Write data mask
NC*1
No connection
ODT*2
ODT control
A
B
C
D
E
F
G
H
J
K
L
VDDQ
1
VDDQ
VSS
NC
2
VDD
VSS
VSSQ
DQU3
VDDQ
VSSQ
VSSQ
VSS
3
DQU7
DQU5
DQU1
DMU
DQL0
VDD
/CAS
/RAS
7
DQU4
/DQSU
DQSU
DQU0
DML
/CK
8
VDDQ
DQU6 VSSQ
DQU2
VSSQ
VDD
VSSQ
VDD
M
N
P
T
VSS /RESET A13
A14
NC
A8
9
VSS
VDDQ
VDDQ DQL2
DQL6
VSSQ
VDDQ
VREFDQ
DQSL
/DQSL
DQL4
DQL1
VDD
DQL3
VSS
VSSQ
DQL7
DQL5 VDDQ
VSSQ
VDDQ
CK
VSS
NC
VDD
BA0
A3
A5
BA2
A0
A2
A12(/BC)
A1
VREFCA
BA1
A4
VSS
VSS
(Top view)
96-ball FBGA
/CS
/WE
ODT
VSS
VSS
R
A7
A9
A11
A6
VDD
VDD
A10(AP)
VSS
VDD
NC
ZQ
NC
CKE


Similar Part No. - EDJ4204BFBG-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
   Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
426Kb / 29P
   4G bits DDR3L SDRAM
EDJ4204EFBG-DJ-F ELPIDA-EDJ4204EFBG-DJ-F Datasheet
656Kb / 29P
   Differential clock inputs
EDJ4204EFBG-DJ-F ELPIDA-EDJ4204EFBG-DJ-F Datasheet
426Kb / 29P
   4G bits DDR3L SDRAM
EDJ4204EFBG-GN-F ELPIDA-EDJ4204EFBG-GN-F Datasheet
656Kb / 29P
   Differential clock inputs
More results

Similar Description - EDJ4204BFBG-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108DJBG ELPIDA-EDJ1108DJBG Datasheet
448Kb / 33P
   Differential clock inputs
EDJ1108EJBG ELPIDA-EDJ1108EJBG Datasheet
525Kb / 32P
   Differential clock inputs
EDJ2108EDBG ELPIDA-EDJ2108EDBG Datasheet
1Mb / 150P
   Differential clock inputs
EDJ2108DEBG ELPIDA-EDJ2108DEBG Datasheet
565Kb / 33P
   Differential clock inputs
EDJ2108EEBG ELPIDA-EDJ2108EEBG Datasheet
606Kb / 32P
   Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
   Differential clock inputs
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
   Differential clock inputs
logo
Integrated Device Techn...
8SLVP2106 IDT-8SLVP2106 Datasheet
521Kb / 24P
   Two differential clock inputs
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
   Selectable differential clock inputs
IDT8SLVP2108I IDT-IDT8SLVP2108I Datasheet
967Kb / 22P
   Two differential clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com