Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF16VN Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # TF16VN
Description  chip current fuses for automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TF16VN Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  TF16VN Datasheet HTML 1Page - KOA Speer Electronics, Inc. TF16VN Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TF16VN
chip current fuses for automotive
features
Small and light chip current fuses for
the secondary circuit
Temperature cycle (-55°C ~ 125°C), 1000 cycle
Original construction and manufacturing method stabilize
fusing characteristics
Suitable for overcurrent protection of circuit block in small
electronic devices
Suitable for both flow and reflow solderings
Products meet EU RoHS requirements
EU
dimensions and construction
ratings
ordering information
Under
Development
L
c
c
W
t
d
Ceramic Substrate
Cu/Ni
Plating
Sn Plating
Inner
Electrode
Fuse
Element
Protective
Coating
Type
Dimensions inches (mm)
L
W
c
d
t
TF16VN
(0603)
.063±.004
(1.6±0.1)
.031±.004
(0.8±0.1)
.014±.004
(0.35±0.1)
.012±.004
(0.3±0.1)
.020±.002
(0.5±0.05)
Rated
Current
Terminal Surface
Material
T: Sn
Product
Code
TF
Size
16V: 1.6 x 0.8mm
16V
Fusing
Characteristics
N: Normal blow
N
2.50
T
Taping
TD: 4mm pitch
punch paper
BK: Bulk
TD
Type
Marking
Rated
Current
Fusing Time
Internal
R.
(m
Ω)Max.
Rated
Voltage
Rated
Ambient
Temp.
Operating
Temperature
Range
Taping & Q'ty/Reel
(pcs)
TD
TF16VN0.40
H
0.40A
Open within 5 sec.
at 250% rated current.
Refer to the graph of
fusing characteristics.
460
32V
+70°C
−55°C ~
125°C
5,000
TF16VN0.50
F
0.50A
320
TF16VN0.63
I
0.63A
250
TF16VN0.80
K
0.80A
200
TF16VN1.00
L
1.00A
160
TF16VN1.25
M
1.25A
130
TF16VN1.60
N
1.60A
100
TF16VN2.00
S
2.00A
80
TF16VN2.50
T
2.50A
60
TF16VN3.15
U
3.15A
40
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/07/13
249
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com


Similar Part No. - TF16VN

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF160806-18N FRONTIER-TF160806-18N Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF160806-18NJ FRONTIER-TF160806-18NJ Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
TF160806-18NK FRONTIER-TF160806-18NK Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
TF160808 FRONTIER-TF160808 Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
TF160808 FRONTIER-TF160808 Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results

Similar Description - TF16VN

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ATC-1 COOPER-ATC-1 Datasheet
211Kb / 1P
   Automotive Blade Fuses
3216LV COOPER-3216LV Datasheet
113Kb / 2P
   Chip??Fuses
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S_15 Datasheet
227Kb / 2P
   Chip Fuses
S0603H GOOD-ARK-S0603H_15 Datasheet
272Kb / 2P
   Chip Fuses
logo
Cooper Bussmann, Inc.
TR3216FF7-R COOPER-TR3216FF7-R Datasheet
335Kb / 2P
   Chip Fuses
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
   Chip??Fuses
logo
Murata Manufacturing Co...
BLM21BD222SN1L MURATA-BLM21BD222SN1L Datasheet
302Kb / 6P
   For Automotive Chip Ferrite Bead for Automotive
BLM31PG391SN1L MURATA-BLM31PG391SN1L Datasheet
115Kb / 3P
   For Automotive Chip Ferrite Bead for Automotive
BLM21BD272SH1L MURATA-BLM21BD272SH1L Datasheet
134Kb / 6P
   For Automotive Chip Ferrite Beads for Automotive
BLM21PG221SH1D MURATA-BLM21PG221SH1D Datasheet
66Kb / 3P
   For Automotive Chip Ferrite Beads for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com