Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF45N050TTE Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SF45N050TTE
Description  chip type resettable fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SF45N050TTE Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SF45N050TTE Datasheet HTML 1Page - KOA Speer Electronics, Inc. SF45N050TTE Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
246
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/22/08
SF
chip type resettable fuses
Performance Characteristics
Derating Curve
Time to Trip Characteristics
environmental applications
160
-55
-35
-15
25
45
65
125
5
Ambient Temperature
(°C)
0
85
105
140
120
100
80
60
40
20
R-T Characteristics
100k
050150
Temperature
(°C)
0.1
100
10k
1k
100
10
1
1
.1
.01
.001
0.1
10
100
1
Current
(A)
.0001
10
100
1000
Parameter
Requirement
Limit
Test Method
Trip Endurance
Use the device which has been left for 15 minutes or more in 25°C
set voltage to be applied to the element at maximum rated voltage.
And set current to be applied within the range between trip current
and maximum rated current
Without damage under 24 hours
of current sending
Trip Cycle Life (ON-OFF Test)
Use the device which has been left for 15 minutes or more in 25°C
set voltage and current to be applied to maximum rated voltage
and maximum rated current respectively. Apply rated voltage for
5 seconds and 55 seconds off
Without damage after 1000 cycles
Cold Resistance
-40°C ± 3°C, 1000 hours
Without Damage
Heat Resistance
85°C ± 3°C, 1000 hours
Without Damage
Humidity Resistance
85°C ± 3°C, 85% RH, 1000 hours
Without Damage
Heat-Cold Cycling
-40°C ± 3°C (30 minutes), +85°C ± 3°C (30 minutes), 20 cycles
Without Damage
Part
Designation
Hold
Rating
Max. Rated
Voltage
(DCV)
applications and ratings
Trip
Current
(A)
Initial
Resistance R
Type (Ω)
Resistance
after Tripping
R1 Max. (Ω)
Max. Rated
Current
(A)
SF45N050
0.50A
SF45N075
0.75A
SF45N110
1.10A
15.0
13.2
6.0
40
-40°C
to
+85°C
Power
Dissipation
PD (W)
0.49
0.24
0.15
1.00
1.50
2.20
0.6
Operating
Temperature
Range
0.85
0.41
0.21


Similar Part No. - SF45N050TTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SF45N050TTE KOA-SF45N050TTE Datasheet
93Kb / 2P
   chip type resettable fuses
More results

Similar Description - SF45N050TTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SF45N050 KOA-SF45N050 Datasheet
93Kb / 2P
   chip type resettable fuses
logo
List of Unclassifed Man...
PFRA ETC1-PFRA Datasheet
141Kb / 5P
   RESETTABLE FUSES
logo
Littelfuse
HVR600 LITTELFUSE-HVR600 Datasheet
95Kb / 2P
   RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
logo
Bourns Electronic Solut...
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com