Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRPA03EYD103FB Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MRPA03EYD103FB
Description  precision metal film resistor SIP networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MRPA03EYD103FB Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MRPA03EYD103FB Datasheet HTML 1Page - KOA Speer Electronics, Inc. MRPA03EYD103FB Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
98
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/10
MRP
precision metal film resistor SIP networks
custom circuit schematics
X
W
applications and ratings (continued)
Resistance Range
E: 0.025%
A: 0.025%
B: 0.1%
D: 0.5%
B: ±0.1%
C: ±0.25%
D: ±0.5%
F: ±1%
Absolute
Resistance
Tolerance
C: 0.25%
Resistance Ratio Tolerance
50Ω - 100kΩ
50Ω - 100kΩ
50Ω - 100kΩ
50Ω - 100kΩ
100 max.
50Ω - 100kΩ
50Ω - 100kΩ
50Ω - 100kΩ
50Ω - 100kΩ
100 max.
50Ω - 100kΩ
50Ω - 100kΩ
50Ω - 100kΩ
50Ω - 100kΩ
150 max.
–––
50Ω - 100kΩ
50Ω - 100kΩ
50Ω - 100kΩ
150 max.
–––
–––
50Ω - 100kΩ
50Ω - 100kΩ
150 max.
R1/R2 Relative Resistance Ratio
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
-20
0
406080100140
70
20
Ambient Temperature
(°C)
0
-55
120
125
Performance Characteristics
Parameter
Requirement
Test Method
Resistance
25°C
Rated voltage x 2.5 or max. overload voltage, whichever is lower, 5 seconds
Overload (Short Time)
+350°C ± 10°C, 3.5 ± 0.5 seconds
Resistance to Soldering Heat
Within specified tolerance
±0.1%
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
Moisture Resistance
±0.1%
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
Endurance at 70°C
±0.1%
Soaking in 2-propanol of +20°C ~ +25°C for 180 seconds ± 10 seconds
Resistance to Solvents
500V (d.c.) for 1 minute between terminals and coatings
Insulation Resistance
No abnormality in outer coating
and markings
Within specified T.C.R.
±0.05%
T.C.R.
+25°C/+65°C
(Examples only. Contact factory for other custom layout requests.)
standard circuit schematic
R1 R2
V
Z
Rapid Change of Temperature
-55 +0/-5°C (30 min.), +125 +3/-0°C (30 min.) 5 cycles
±0.1%
500V (a.c.) for 1 minute between terminals and coatings
Withstanding Voltage
±0.5%
10,000MΩ or above


Similar Part No. - MRPA03EYD103FB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MRPA03EYD KOA-MRPA03EYD Datasheet
109Kb / 2P
   precision metal film resistor SIP network
More results

Similar Description - MRPA03EYD103FB

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
   PRECISION THIN FILM SIP NETWORKS
logo
IRC - a TT electronics ...
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
   Precision Metal Film Resistor
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
   THICK FILM SIP NETWORKS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com