Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ2108EDBG-GN-F Datasheet(PDF) 1 Page - Elpida Memory

Part # EDJ2108EDBG-GN-F
Description  ZQ calibration for DQ drive and ODT
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ2108EDBG-GN-F Datasheet(HTML) 1 Page - Elpida Memory

  EDJ2108EDBG-GN-F Datasheet HTML 1Page - Elpida Memory EDJ2108EDBG-GN-F Datasheet HTML 2Page - Elpida Memory EDJ2108EDBG-GN-F Datasheet HTML 3Page - Elpida Memory EDJ2108EDBG-GN-F Datasheet HTML 4Page - Elpida Memory EDJ2108EDBG-GN-F Datasheet HTML 5Page - Elpida Memory EDJ2108EDBG-GN-F Datasheet HTML 6Page - Elpida Memory EDJ2108EDBG-GN-F Datasheet HTML 7Page - Elpida Memory EDJ2108EDBG-GN-F Datasheet HTML 8Page - Elpida Memory EDJ2108EDBG-GN-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 150 page
background image
Document No. E1797E41 (Ver. 4.1)
Date Published February 2012 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2011-2012
DATA SHEET
2G bits DDR3L SDRAM
EDJ2104EDBG (512M words
× 4 bits)
EDJ2108EDBG (256M words
× 8 bits)
Specifications
• Density: 2G bits
• Organization
 64M words × 4 bits × 8 banks (EDJ2104EDBG)
 32M words × 8 bits × 8 banks (EDJ2108EDBG)
• Package
 78-ball FBGA
 Lead-free (RoHS compliant) and Halogen-free
• Power supply: 1.35V (typ.)
 VDD, VDDQ = 1.283V to 1.45V
 Backward compatible for VDD, VDDQ
= 1.5V ± 0.075V
• Data rate
 1600Mbps/1333Mbps/1066Mbps (max.)
• 1KB page size
 Row address: A0 to A14
 Column address: A0 to A9, A11 (EDJ2104EDBG)
A0 to A9 (EDJ2108EDBG)
• Eight internal banks for concurrent operation
• Burst lengths (BL): 8 and 4 with Burst Chop (BC)
• Burst type (BT):
 Sequential (8, 4 with BC)
 Interleave (8, 4 with BC)
• /CAS Latency (CL): 5, 6, 7, 8, 9, 10, 11
• /CAS Write Latency (CWL): 5, 6, 7, 8
• Precharge: auto precharge option for each burst
access
• Driver strength: RZQ/7, RZQ/6 (RZQ = 240Ω)
• Refresh: auto-refresh, self-refresh
• Refresh cycles
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• Double-data-rate architecture: two data transfers per
clock cycle
• The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• On-Die Termination (ODT) for better signal quality
 Synchronous ODT
 Dynamic ODT
 Asynchronous ODT
• Multi Purpose Register (MPR) for pre-defined pattern
read out
• ZQ calibration for DQ drive and ODT
• Programmable Partial Array Self-Refresh (PASR)
• /RESET pin for Power-up sequence and reset
function
• SRT range:
 Normal/extended
• Programmable Output driver impedance control


Similar Part No. - EDJ2108EDBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ2108EDBG-GN-F ELPIDA-EDJ2108EDBG-GN-F Datasheet
1Mb / 150P
   Differential clock inputs
More results

Similar Description - EDJ2108EDBG-GN-F

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342QT37BGD-300I GSI-GS8342QT37BGD-300I Datasheet
503Kb / 29P
   ZQ pin for programmable output drive strength
logo
Alliance Semiconductor ...
AS4C4M32D1A-5BIN ALSC-AS4C4M32D1A-5BIN Datasheet
2Mb / 64P
   DLL aligns DQ and DQS transitions
logo
Panasonic Battery Group
DQ-M PANASONICBATTERY-DQ-M Datasheet
65Kb / 3P
   DQ-M RELAYS
logo
List of Unclassifed Man...
07010 ETC2-07010 Datasheet
1Mb / 4P
   Calibration Unit for Testers Installation, Operation and Maintenance
logo
Agilent(Hewlett-Packard...
N7800A HP-N7800A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
STMicroelectronics
AN2604 STMICROELECTRONICS-AN2604 Datasheet
139Kb / 14P
   STM32F101xx and STM32F103xx RTC calibration
logo
OSRAM GmbH
SFH4111 OSRAM-SFH4111 Datasheet
239Kb / 7P
   For control and drive circuits
logo
New Jersey Semi-Conduct...
U401 NJSEMI-U401 Datasheet
96Kb / 2P
   Minimum System Error and Calibration
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
   Calibration
logo
STMicroelectronics
RM0345 STMICROELECTRONICS-RM0345 Datasheet
685Kb / 38P
   calibration adapter board for SPC563M64xx devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com