Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0522660142 Datasheet(PDF) 1 Page - Weidmuller

Part # 0522660142
Description  Connector markers, L x W: 5 x 5 mm, Polyamide, white
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0522660142 Datasheet(HTML) 1 Page - Weidmuller

  0522660142 Datasheet HTML 1Page - Weidmuller 0522660142 Datasheet HTML 2Page - Weidmuller 0522660142 Datasheet HTML 3Page - Weidmuller 0522660142 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | Installation Products | Markings | Terminal markers | Card | Dekafix | Standard print | Dek 5 |
Horizontal | Digits consistent | 1 - 100
- 1 -
General ordering data
Order No.
0522660003
Part designation
DEK 5 GW MKD 3
Version
Connector markers, L x W: 5 x 5 mm, Polyamide,
white
EAN
4008190116101
Qty.
500 pc(s).
Markings
Cadmium
no
Can be labelled with thermal transfer printers
No
Can be printed with plotter
No
Can be written with dot-matrix printer
No
Can be written with laser printer
No
Colour of printing
black
Function
Connector markers
Halogen
no
Length
5 mm
Material
Polyamide
Material colour
white
Material colour according to resistance code
9
Max. temperature, continuous
100 °C
Min. temperature, continuous
-40 °C
Orientation of print
horizontal
Pin can be written (STI)
No
Pitch
5 mm
PrintJet
No
Printed characters
Numbers
Printing method
MC Laser
Silicone
no
Speed marking laser
No
Type of printing
Standard
UL 94 flammability class
V2
Width
5 mm


Similar Part No. - 0522660142

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0522660100 WEIDMULLER-0522660100 Datasheet
76Kb / 4P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
More results

Similar Description - 0522660142

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0473560051 WEIDMULLER-0473560051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460051 WEIDMULLER-0473460051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660071 WEIDMULLER-0460660071 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide white
0522361075 WEIDMULLER-0522361075 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460151 WEIDMULLER-0473460151 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460351 WEIDMULLER-0473460351 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460801 WEIDMULLER-0473460801 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660001 WEIDMULLER-0460660001 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide,white
0460660021 WEIDMULLER-0460660021 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660031 WEIDMULLER-0460660031 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0523060051 WEIDMULLER-0523060051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com