Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRPL03CYD103DB Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MRPL03CYD103DB
Description  precision metal film resistor SIP networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MRPL03CYD103DB Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MRPL03CYD103DB Datasheet HTML 1Page - KOA Speer Electronics, Inc. MRPL03CYD103DB Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MRP
precision metal film resistor SIP networks
features
Custom design network
Ultra-precision performance for precision analog circuits
Tolerance to ±0.1%, matching to 0.05%
T.C.R. to ±25ppm/°C, tracking to 2ppm/°C
Marking: Black body color with laser marking
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
dimensions and construction
.01
±.02
(0.25±0.5)
L
D
h
H
P
P x No. of Pins
3 significant
figures/
3 significant
figures
ordering information
B: ±0.1%
C: ±0.25%
D: ±0.5%
F: ±1.0%
L03
A03
D: SnAgCu
E: 0.025%
A: 0.05%
B: 0.1%
C: 0.25%
D: 0.5%
MRP
L03
D
Termination
Material
Type
Size
E: ±25
C: ±50
E
T.C.R.
(ppm/˚C)
Tolerance
Tolerance
Ratio
Resistance
Value
New Part #
custom circuit ordering information
Factory will
assign
MRP
KxxxxD
Type
Custom
Code
New Part #
103/103
B
A
A: 2
Y: 5
T: 10
A
T.C.R.
Tracking
L (max.)
MRPL03
.335
(8.5)
.118±.02
(3.0±0.5)
.256
(6.5)
MRPA03
.100±.008
(2.54±0.2)
Type
D (max.)
PH
h (max.)
Dimensions inches
(mm)
.098
(2.5)
.335
(8.5)
EU
Ratings
applications and ratings
Type
Power Rating (mW)
Element
Package
Maximum
Working
Voltage
Maximum
Overload
Voltage
100
200
E: ±25
C: ±50
100V
200V
MRPL03
Absolute
T.C.R.
Resistance
Range*
50-100kΩ
T.C.R.
Tracking
A: 2
(R1/R2≤10)
Y: 5
T: 10
Resistance
Tolerance
B: ±0.1%
C: ±0.25%
D: ±0.5%
F: ±1%
Rated
Ambient
Temperature
Operating
Temperature
Range
+70°C
-55°C to
+125°C
MRPA03
* Resistance combination for R1, R2 is standardized to 200/20k, 1k/1k, 1k/2k, 1k/4k, 1k/9k, 1k/10k, 1k/20k, 10k/10k, 10k/100k, 50k/50k, 100k/100k
97
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/21/11


Similar Part No. - MRPL03CYD103DB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MRPL03CYD KOA-MRPL03CYD Datasheet
109Kb / 2P
   precision metal film resistor SIP network
More results

Similar Description - MRPL03CYD103DB

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
   PRECISION THIN FILM SIP NETWORKS
logo
IRC - a TT electronics ...
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
   Precision Metal Film Resistor
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
   THICK FILM SIP NETWORKS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com