Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ1116DJBG-GN-F Datasheet(PDF) 6 Page - Elpida Memory

Part # EDJ1116DJBG-GN-F
Description  Differential clock inputs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1116DJBG-GN-F Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDJ1116DJBG-GN-F Datasheet HTML 2Page - Elpida Memory EDJ1116DJBG-GN-F Datasheet HTML 3Page - Elpida Memory EDJ1116DJBG-GN-F Datasheet HTML 4Page - Elpida Memory EDJ1116DJBG-GN-F Datasheet HTML 5Page - Elpida Memory EDJ1116DJBG-GN-F Datasheet HTML 6Page - Elpida Memory EDJ1116DJBG-GN-F Datasheet HTML 7Page - Elpida Memory EDJ1116DJBG-GN-F Datasheet HTML 8Page - Elpida Memory EDJ1116DJBG-GN-F Datasheet HTML 9Page - Elpida Memory EDJ1116DJBG-GN-F Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
EDJ1108DJBG, EDJ1116DJBG
Data Sheet E1729E30 (Ver. 3.0)
6
1.
Electrical Conditions
• All voltages are referenced to VSS (GND)
• Execute power-up and Initialization sequence before proper device operation is achieved.
1.1
Absolute Maximum Ratings
Notes: 1.
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2.
Storage temperature is the case surface temperature on the center/top side of the DRAM.
3.
VDD and VDDQ must be within 300mV of each other at all times; and VREF must be no greater than 0.6
× VDDQ, When
VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
Caution:
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
1.2
Operating Temperature Condition
Notes: 1.
Operating temperature is the case surface temperature on the center/top side of the DRAM.
2.
The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. During
operation, the DRAM case temperature must be maintained between 0
°C to +85°C under all operating conditions.
3.
Some applications require operation of the DRAM in the Extended Temperature Range between +85
°C and +95°C case
temperature. Full specifications are guaranteed in this range, but the following additional conditions apply:
a) Refresh commands must be doubled in frequency, therefore reducing the refresh interval tREFI to 3.9
µs. (This double
refresh requirement may not apply for some devices.)
b) If Self-refresh operation is required in the Extended Temperature Range, then it is mandatory to either use the Manual
Self-Refresh mode with Extended Temperature Range capability (MR2 bit [A6, A7] = [0, 1]) or enable the optional Auto
Self-Refresh mode (MR2 bit [A6, A7] = [1, 0]).
Table 1: Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Notes
Power supply voltage
VDD
−0.4 to +1.975
V
1, 3
Power supply voltage for output
VDDQ
−0.4 to +1.975
V
1, 3
Input voltage
VIN
−0.4 to +1.975
V
1
Output voltage
VOUT
−0.4 to +1.975
V
1
Reference voltage
VREFCA
−0.4 to 0.6 × VDD
V
3
Reference voltage for DQ
VREFDQ
−0.4 to 0.6 × VDDQ
V
3
Storage temperature
Tstg
−55 to +100
°C1, 2
Power dissipation
PD
1.0
W
1
Short circuit output current
IOUT
50
mA
1
Table 2: Operating Temperature Condition
Parameter
Symbol
Rating
Unit
Notes
Operating case temperature
TC
0 to +95
°C
1, 2, 3


Similar Part No. - EDJ1116DJBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1116DJBG-GN-F ELPIDA-EDJ1116DJBG-GN-F Datasheet
448Kb / 33P
   1G bits DDR3 SDRAM
More results

Similar Description - EDJ1116DJBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108EJBG ELPIDA-EDJ1108EJBG Datasheet
525Kb / 32P
   Differential clock inputs
EDJ2108EDBG ELPIDA-EDJ2108EDBG Datasheet
1Mb / 150P
   Differential clock inputs
EDJ2108DEBG ELPIDA-EDJ2108DEBG Datasheet
565Kb / 33P
   Differential clock inputs
EDJ2108EEBG ELPIDA-EDJ2108EEBG Datasheet
606Kb / 32P
   Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
   Differential clock inputs
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
   Differential clock inputs
EDJ4204BFBG ELPIDA-EDJ4204BFBG Datasheet
526Kb / 32P
   Differential clock inputs
logo
Integrated Device Techn...
8SLVP2106 IDT-8SLVP2106 Datasheet
521Kb / 24P
   Two differential clock inputs
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
   Selectable differential clock inputs
IDT8SLVP2108I IDT-IDT8SLVP2108I Datasheet
967Kb / 22P
   Two differential clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com