Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9742AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD9742AR
Description  12-Bit, 165 MSPS TxDAC D/A Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9742AR Datasheet HTML 7Page - Analog Devices AD9742AR Datasheet HTML 8Page - Analog Devices AD9742AR Datasheet HTML 9Page - Analog Devices AD9742AR Datasheet HTML 10Page - Analog Devices AD9742AR Datasheet HTML 11Page - Analog Devices AD9742AR Datasheet HTML 12Page - Analog Devices AD9742AR Datasheet HTML 13Page - Analog Devices AD9742AR Datasheet HTML 14Page - Analog Devices AD9742AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD9742
–11–
IOUTA and IOUTB also have a negative and positive voltage
compliance range that must be adhered to in order to achieve
optimum performance. The negative output compliance range of
–1.0 V is set by the breakdown limits of the CMOS process.
Operation beyond this maximum limit may result in a breakdown
of the output stage and affect the reliability of the AD9742.
The positive output compliance range is slightly dependent on the
full-scale output current, IOUTFS. It degrades slightly from its
nominal 1.2 V for an IOUTFS = 20 mA to 1.0 V for an IOUTFS = 2 mA.
The optimum distortion performance for a single-ended or differ-
ential output is achieved when the maximum full-scale signal at
IOUTA and IOUTB does not exceed 0.5 V.
DIGITAL INPUTS
The AD9742’s digital section consists of 12 input bit channels
and a clock input. The 12-bit parallel data inputs follow stan-
dard positive binary coding where DB11 is the most significant
bit (MSB) and DB0 is the least significant bit (LSB). IOUTA
produces a full-scale output current when all data bits are at
Logic 1. IOUTB produces a complementary output with the
full-scale current split between the two outputs as a function of
the input code.
DVDD
DIGITAL
INPUT
Figure 6. Equivalent Digital Input
The digital interface is implemented using an edge-triggered master/
slave latch. The DAC output updates on the rising edge of the clock
and is designed to support a clock rate as high as 165 MSPS. The
clock can be operated at any duty cycle that meets the specified
latch pulsewidth. The setup and hold times can also be varied
within the clock cycle as long as the specified minimum times are
met, although the location of these transition edges may affect
digital feedthrough and distortion performance. Best performance
is typically achieved when the input data transitions on the falling
edge of a 50% duty cycle clock.
DAC TIMING
Input Clock and Data Timing Relationship
Dynamic performance in a DAC is dependent on the relation-
ship between the position of the clock edges and the point in
time at which the input data changes. The AD9742 is rising
edge triggered, and so exhibits dynamic performance sensitivity
when the data transition is close to this edge. In general, the
goal when applying the AD9742 is to make the data transition
close to the falling clock edge. This becomes more important as
the sample rate increases. Figure 7 shows the relationship of
SFDR to clock placement with different sample rates. Note that
at the lower sample rates, more tolerance is allowed in clock
placement, while at higher rates, more care must be taken.
–3
–2
2
–1
0
1
70
80
TIME (ns) OF DATA CHANGE RELATIVE
TO RISING CLOCK EDGE
3
60
50
40
65
75
55
45
fOUT = 50MHz
fOUT = 20MHz
Figure 7. SFDR vs. Clock Placement @ fOUT = 20 MHz
and 50 MHz
Sleep Mode Operation
The AD9742 has a power-down function that turns off the
output current and reduces the supply current to less than 4 mA
over the specified supply range of 3.0 V to 3.6 V and tempera-
ture range. This mode can be activated by applying a logic level
1 to the SLEEP pin. The SLEEP pin logic threshold is equal to
0.5
¥ AVDD. This digital input also contains an active pull-
down circuit that ensures the AD9742 remains enabled if this
input is left disconnected. The AD9742 takes less than 50 ns to
power down and approximately 5
ms to power back up.
POWER DISSIPATION
The power dissipation, PD, of the AD9742 is dependent on
several factors that include:
The power supply voltages (AVDD and DVDD)
The full-scale current output I
OUTFS
The update rate f
CLOCK
The reconstructed digital input waveform
The power dissipation is directly proportional to the analog
supply current, IAVDD, and the digital supply current, IDVDD.
IAVDD is directly proportional to IOUTFS as shown in Figure 8
and is insensitive to fCLOCK. Conversely, IDVDD is dependent on
both the digital input waveform, fCLOCK, and digital supply
DVDD. Figure 9 shows IDVDD as a function of full-scale sine
wave output ratios (fOUT/fCLOCK) for various update rates with
DVDD = 3.3 V.


Similar Part No. - AD9742AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742AR AD-AD9742AR Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9742ARU AD-AD9742ARU Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9742ARURL7 AD-AD9742ARURL7 Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9742ARUZ AD-AD9742ARUZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9742ARUZRL7 AD-AD9742ARUZRL7 Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
More results

Similar Description - AD9742AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9748 AD-AD9748 Datasheet
221Kb / 7P
   8-Bit, 165 MSPS TxDAC D/A Converter
REV. PrA
AD9740 AD-AD9740 Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9752 AD-AD9752 Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9753 AD-AD9753 Datasheet
904Kb / 26P
   12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV. 0
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
   12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com