Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2CT52A100J Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RF2CT52A100J
Description  coat-insulated fusing resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RF2CT52A100J Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RF2CT52A100J Datasheet HTML 1Page - KOA Speer Electronics, Inc. RF2CT52A100J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/30/10
155
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
RF
coat-insulated fusing resistor
Performance Characteristics
environmental applications
Fusing Characteristics
Derating Curve
100
80
60
40
20
0
-40 -20
020406080 100 120 140
70
160
155
Ambient Temperature
(°C)
For resistors operated at an ambient temperature of 70°C or above, a power
rating shall be derated in accordance with derating curve on the left.
Performance Requirements
Test Items
R± (% +0.05
Ω)
Test Methods
Limit
Typical
Resistance
Within specified
25°C
tolerance
T.C.R.
Within specified T.C.R.
Room temperature +100°C
Overload (Short Time)
1%
0.5%
Rated voltage × 2.5 for 5 seconds
Resistance to
1%
0.5%
350°C ± 10°C, 3.5s ± 0.5s or 260°C ± 5°C, 10s ± 1s
Soldering Heat
Rapid Change
1%
0.5%
−40°C (30 min.)/ +85°C (30 min.) 5 cycles
of Temperature
Moisture Resistance
5%
2.5%
40°C ±2°C, 90% - 95% RH, 1000 hours
1.5h ON / 0.5h OFF cycle
Endurance at 70°C
5%
2.5%
70°C ± 2°C, 1000 hours
1.5h ON / 0.5h OFF cycle
Resistance to Solvent
No abnormality in
The resistor shall be immersed in IPA for 30 sec.
appearance. Marking
shall be easily legible.
Flame retardant
No evidence of flaming
Flame test : The test flame shall be applied and removed
or self-flaming.
for each 15 sec respsctively to repeat the cycle 5 times.
Overload flame retardant: Power corresponding to 2, 4, 8, 16
and 32 times the power rating shall be applied for each 1min.
until disconnection occurs.
100
×5
×10 ×15 ×20
×5
×10 ×15 ×20
×5
×10 ×15 ×20
×5
×10 ×15 ×20
×5
×10 ×15 ×20
60
30
10
6
3
1
Magnification of Power Rating
RF16 10
RF25 10
RF50 10
RF1 10
RF2 10


Similar Part No. - RF2CT52A100J

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RF2 WILLOW-RF2 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Bourns Electronic Solut...
RF2 BOURNS-RF2 Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Adam Technologies, Inc.
RF2-01-T-07-50-G ADAM-TECH-RF2-01-T-07-50-G Datasheet
68Kb / 1P
   SMA MALE FOR SEMR-RIGID RG
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
   SMA MALE SEMI RIGID
RF2-02-T-02-50-G ADAM-TECH-RF2-02-T-02-50-G Datasheet
116Kb / 1P
   SMA STRAIGHT CRIMP 50 OHM
More results

Similar Description - RF2CT52A100J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
   coat-insulated fusing resistors (constant current fusing type)
logo
Stackpole Electronics, ...
FRN SEI-FRN Datasheet
605Kb / 7P
   Fusing Resistor
10/22/2020
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
logo
Stackpole Electronics, ...
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
   Fusing Wirewound Resistor
4/30/2021
logo
KOA Speer Electronics, ...
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
RF73 KOA-RF73 Datasheet
385Kb / 2P
   fusing flat chip resistor
RF731J KOA-RF731J Datasheet
121Kb / 2P
   fusing flat chip resistor
RF732BTTD100J KOA-RF732BTTD100J Datasheet
266Kb / 2P
   fusing flat chip resistor
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com