Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ0603TTD10NK Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # KQ0603TTD10NK
Description  high Q inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0603TTD10NK Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  KQ0603TTD10NK Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0603TTD10NK Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0603TTD10NK Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0603TTD10NK Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0603TTD10NK Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KQ
high Q inductor
Part
Designation
L
Measuring
Frequency
applications and ratings (continued)
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Q
Quality
Factor
Minimum
Q
Measuring
Frequency
(MHz)
Marking
Nominal
Inductance
(nH)
Inductance
Tolerance
10N
12N
15N
18N
350
50
50
500
1000
0.09
0.10
0.11
3300
3000
2500
10
12
15
18
KQ1008TTE10N*
KQ1008TTE12N*
KQ1008TTE15N*
KQ1008TTE18N*
J: ±5%
K: ±10%
M:±20%
* Add tolerance character (C, G, H, J, K, M)
0.08
4100
3
4
250
200
150
100
50
25
500
250
100
50
55
60
65
50
48
33
23
500
400
0.15
0.17
0.20
0.25
0.27
0.29
0.31
0.34
0.38
0.42
0.46
0.51
0.56
0.64
0.70
1.4
1.5
1.76
1.9
4000
3400
3300
2500
2050
2000
1450
1200
1100
870
920
850
600
560
375
340
2.2
188
2.35
215
1300
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
5
6
7
8
9
0
1
2
3
4
5
6
7
8
9
0
1
2
3
KQ0805TTE12N*
KQ0805TTE15N*
KQ0805TTE18N*
KQ0805TTE22N*
KQ0805TTE27N*
KQ0805TTE33N*
KQ0805TTE39N*
KQ0805TTE47N*
KQ0805TTE56N*
KQ0805TTE68N*
KQ0805TTE82N*
KQ0805TTER10*
KQ0805TTER12*
KQ0805TTER15*
KQ0805TTER18*
KQ0805TTER22*
KQ0805TTER27*
KQ0805TTER33*
KQ0805TTER39*
KQ0805TTER47*
KQ0805TTER56*
680
4
KQ0805TTER68*
820
5
KQ0805TTER82*
310
290
250
230
190
180
0.22
2600
20
Y
KQ0805TTE20N*
0.34
1650
43
4
KQ0805TTE43N*
1.0
650
230
240
250
K
L
G
KQ0805TTER23*
KQ0805TTER24*
KQ0805TTER25*
350
210
F
KQ0805TTER21*
190
200
D
E
KQ0805TTER19*
KQ0805TTER20*
160
H
KQ0805TTER16*
170
J
KQ0805TTER17*
G: ±2%
J: ±5%
K: ±10%
J: ±5%
K: ±10%
1550
0
1
2
1500
1000
50
600
0.08
0.11
0.12
6000
5500
4700
3.3
6.8
8.2
KQ0805TTE3N3*
KQ0805TTE6N8*
KQ0805TTE8N2*
For complete environmental specifications, please refer to www.koaspeer.com
8
110
3.09
490
820
KQ0603TTER82*
50
50
Y
120
2.95
480
910
KQ0603TTER91*
J: ±5%
K: ±10%
30
9
90
5.13
440
1000
KQ0603TTE1R0*
0
80
5.45
400
1200
KQ0603TTE1R2*
W
150
1.89
590
620
KQ0603TTER62*
7
140
1.97
540
680
KQ0603TTER68*
X
130
2.04
530
750
KQ0603TTER75*
6
130
2.09
560
560
KQ0603TTER56*
22N
27N
55
0.12
0.13
2400
1600
22
27
KQ1008TTE22N*
KQ1008TTE27N*
209
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/31/10


Similar Part No. - KQ0603TTD10NK

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0603TTE10N KOA-KQ0603TTE10N Datasheet
277Kb / 7P
   highQinductor
KQ0603TTE10N KOA-KQ0603TTE10N Datasheet
108Kb / 6P
   Chip Inductors
KQ0603TTE11N KOA-KQ0603TTE11N Datasheet
277Kb / 7P
   highQinductor
KQ0603TTE11N KOA-KQ0603TTE11N Datasheet
108Kb / 6P
   Chip Inductors
KQ0603TTE12N KOA-KQ0603TTE12N Datasheet
277Kb / 7P
   highQinductor
More results

Similar Description - KQ0603TTD10NK

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L08055R6CEWTR AVX-L08055R6CEWTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L08053R9CESTR AVX-L08053R9CESTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L06036R8CGSTR AVX-L06036R8CGSTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L08052R7CEWTR AVX-L08052R7CEWTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L0805120JEWTR AVX-L0805120JEWTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L08054R7DESTR AVX-L08054R7DESTR Datasheet
96Kb / 3P
   SMD High-Q RF Inductor
L06031R8CGSTR AVX-L06031R8CGSTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
TDK Electronics
MLG0603P0N6BT000 TDK-MLG0603P0N6BT000 Datasheet
249Kb / 17P
   High Q type inductor for high-frequency circuits
MLG0402Q0N2BT000 TDK-MLG0402Q0N2BT000 Datasheet
176Kb / 15P
   High Q type inductor for high-frequency circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com