Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NV73A1JTTE12 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # NV73A1JTTE12
Description  metal oxide varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NV73A1JTTE12 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  NV73A1JTTE12 Datasheet HTML 1Page - KOA Speer Electronics, Inc. NV73A1JTTE12 Datasheet HTML 2Page - KOA Speer Electronics, Inc. NV73A1JTTE12 Datasheet HTML 3Page - KOA Speer Electronics, Inc. NV73A1JTTE12 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
248
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/06/09
NV73
metal oxide varistor
NV73A2ATTE27
NV73A2ATTE33
NV73A2ATTE39
NV73A2ATTE47
NV73B2ATTE8R2
NV73B2ATTE12
NV73B2ATTE15
27 (25 - 32)
33 (30 - 39)
39 (37 - 47)
47 (45 - 54)
8.2 (6.8 - 9.8)
12 (10 - 14.4)
15 (12.5 - 18)
50
60
72
86
18
22
30
NV73B2ATTE18
18 (16 - 20)
32
NV73B2ATTE20
20 (18 - 22)
36
NV73B2ATTE22
22 (19 - 24)
40
NV73B2ATTE24
24 (21.8 - 26.5)
42
NV73B2ATTE27
27 (25 - 32)
58
NV73B2ATTE33
33 (30 - 39)
66
NV73C2ATTE8R2
8.2 (6.8 - 9.8)
16
NV73C2ATTE12
12 (10 - 14.4)
22
NV73C2ATTE15
15 (12.5 - 18)
28
NV73C2ATTE18
18 (16 - 20)
32
NV73C2ATTE20
20 (18 - 22)
35
NV73C2ATTE22
22 (19 - 24)
40
NV73C2ATTE24
24 (21.8 - 26.5)
42
2A
2A
1A
25
0.07
0.12
0.14
0.16
0.03
20
25
50
35
50
0.05
0.07
0.08
0.09
0.11
0.12
0.24
0.25
0.04
0.09
0.11
0.13
0.14
0.17
0.18
17.0
20.0
25.0
30.0
4.2
6.1
7.6
22.0
26.0
31.0
38.0
6.0
8.6
10.8
9.1
12.8
10.6
15.0
12.0
16.5
14.0
18.0
17.0
22.0
20.0
26.0
4.2
6.0
6.1
8.6
7.6
10.8
9.1
12.8
10.6
15.0
12.0
16.5
14.0
18.0
applications and ratings
Part
Designation
Reference Varistor
Voltage @ 1mA
nom. (Range)
Vc
Maximum
Peak Current
IP (A) @ 8/20
microsecond
(2 pulses)
Maximum
Energy
E
(J)
Maximum
Allowable
Voltage
a.c rms
(V)
Maximum
Allowable
Voltage
d.c (V)
Operating
Temp.
Topt (°C)
Storage
Temp.
Tstg (°C)
Clamping
Voltage
VP
IP
NV73A2ATTE12
12 (10 - 14.4)
22
NV73A2ATTE15
15 (12.5 - 18)
27
NV73A2ATTE18
18 (16 - 20)
29
NV73A2ATTE20
20 (18 - 22)
33
NV73A2ATTE22
22 (19 - 24)
39
NV73A2ATTE24
24 (21.8 - 26.5)
42
20
0.03
0.04
0.05
0.06
6.1
8.6
7.6
10.8
9.1
12.8
10.6
15.0
12.0
16.5
14.0
18.0
NV73A1JTTE8R2
NV73A1JTTE12
NV73A1JTTE15
NV73A1JTTE18
NV73A1JTTE20
NV73A1JTTE22
NV73A1JTTE24
NV73A1JTTE27
8.2 (6.8 - 9.8)
12 (10 - 14.4)
15 (12.5 - 18)
18 (16 - 20)
20 (18 - 22)
22 (19 - 24)
24 (21.8 - 26.5)
27 (25 - 32)
21
29
35
37
40
42
46
49
NV73A2ATTE8R2
8.2 (6.8 - 9.8)
16
2A
30
0.1
10
0.01
-40°C
to
+85°C
-40°C
to
+125°C
4.2
6.1
7.6
9.1
10.6
12.0
14.0
17.0
6.0
8.6
10.8
12.8
15.0
16.5
18.0
22.0
4.2
6.0
NV73A1ETTP8
NV73A1ETTP18
NV73AL1ETTP12
NV73AL1ETTP21
NV73AL1ETTP28
NV73AL1ETTP120
8 (6.4 - 9.6)
18 (16.2 - 19.8)
12 (10 - 14)
21 (18 - 24)
28 (24 - 32)
120 (90 - 150)
20
35
30
50
65
350(1C=0.5A)
––
5
0.05
0.01
4.2
6.1
7.6
9.1
10.6
12.0
5.5
14.0
5.5
14.0
18.0
NV73A1HTTBM12
12 (10 - 15.6)
35
––
6.5
20
1
2
0.5
0.03
0.005
NV73A2BTTE27
27 (25 - 32)
55
NV73A2BTTE33
33 (30 - 39)
60
NV73A2BTTE39
39 (37 - 47)
72
NV73A2BTTE47
47 (45 - 54)
85
NV73A2BTTE56
56 (52 - 62)
100
2A
40
0.13
0.15
0.18
0.22
0.26
17.0
22.0
20.0
26.0
25.0
31.0
30.0
38.0
35.0
45.0


Similar Part No. - NV73A1JTTE12

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73A1JTTE18 KOA-NV73A1JTTE18 Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
More results

Similar Description - NV73A1JTTE12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com