Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9731BR Datasheet(PDF) 6 Page - Analog Devices

Part # AD9731BR
Description  10-Bit, 170 MSPS D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9731BR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9731BR Datasheet HTML 2Page - Analog Devices AD9731BR Datasheet HTML 3Page - Analog Devices AD9731BR Datasheet HTML 4Page - Analog Devices AD9731BR Datasheet HTML 5Page - Analog Devices AD9731BR Datasheet HTML 6Page - Analog Devices AD9731BR Datasheet HTML 7Page - Analog Devices AD9731BR Datasheet HTML 8Page - Analog Devices AD9731BR Datasheet HTML 9Page - Analog Devices AD9731BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD9731
–6–
REV. A
–Typical Performance Characteristics
AOUT – MHz
80
10
75
70
65
60
55
50
20
30
40
50
60
70
80
Figure 2. Narrowband SFDR (Clock = 170 MHz) vs.
AOUT Frequency
AOUT – MHz
80
10
75
70
65
60
55
50
20
30
40
50
60
85
Figure 3. Narrowband SFDR (Clock = 125 MHz) vs.
AOUT Frequency
AOUT – MHz
10
65
60
55
50
20
30
40
50
60
45
40
70
80
90
Figure 4. Wideband SFDR (170 MHz Clock) vs. AOUT
IOUT – mA
60
55
50
20
18
10
6
2
45
40
16
14
12
8
4
Figure 5. SFDR vs. IOUT (Clock =125 MHz/AOUT = 40 MHz)
0.4
–0.4
–0.3
–0.2
–0.1
0
0.3
0.2
0.1
Figure 6. Typical Differential Nonlinearity Performance
(DNL)
0.4
–0.6
–0.4
–0.2
0
0.2
0.6
Figure 7. Typical Integral Nonlinearity Performance (INL)


Similar Part No. - AD9731BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
91Kb / 5P
   10-Bit, 170 MSPS, DAC
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9731 AD-AD9731_17 Datasheet
91Kb / 5P
   10-Bit, 170 MSPS, DAC
More results

Similar Description - AD9731BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9430 AD-AD9430 Datasheet
1Mb / 20P
   12-Bit, 170 MSPS 3.3V A/D Converter
REV. PrG 4/01/2002
AD9211 AD-AD9211 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com