Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NV73DL1JTTE27 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # NV73DL1JTTE27
Description  multilayer type metal oxide varistor (automotive)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NV73DL1JTTE27 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  NV73DL1JTTE27 Datasheet HTML 1Page - KOA Speer Electronics, Inc. NV73DL1JTTE27 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
264
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/04/13
Part
Designation
Varistor
Voltage (V)
Maximum Allowable
Voltage
Maximum Clamping
Voltage (V)
Maximum
Energy
(J)
Maximum
Peak Current
8/20µs (A)
1 time
Short-Time
Applied Voltage
(5 min)
(VDC)
applications and ratings (continued)
NV73DL
multilayer type metal oxide varistor (automotive)
Voltage Current Curves (Ta = +25°C)
environmental applications
1
10
100
1000
Leakage Current
1
10
100
1000
10−6
10−5
10−4
10−3
10−2
10−1
100
101
102
103
Current (A)
10−6
10−5
10−4
10−3
10−2
10−1
100
101
102
103
Current (A)
Leakage Current
Clamping Voltage
1
10
100
1000
Leakage Current
Clamping Voltage
NV73DL2ATTE82
NV73DL2ATTE68
NV73DL2ATTE47
NV73DL2ATTE33
NV73DL2ATTE27
NV73DL2ATTE22
NV73DL2ATTE12
10−6
10−5
10−4
10−3
10−2
10−1
100
101
102
103
Current (A)
NV73DL1JTTE47
NV73DL1JTTE33
NV73DL1JTTE27
NV73DL1JTTE22
NV73DL1JTTE12
NV73DL2BTTE82
NV73DL2BTTE68
NV73DL2BTTE33
NV73DL2BTTE27
NV73DL2BTTE22
Clamping Voltage
Performance Characteristics
Parameter
Requirement ∆ V1mA±%
Test Method
Rapid Change of Temperature
Solderability
-40°C (30 minutes)/ +125°C (30 minutes), 1000 cycles
230°C ± 5°C, 5 seconds ± 0.5 second
±10%
95% coverage minimum
(Ag-Pd: 75% coverage min.)
±10%
Varistor Voltage
Voltage between terminals when 1mA and 10mA are flowed
Within specified tolerance
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 0.5 second
±10%
Maximum Peak Current
A single standard impulse current of 8/20µ seconds is applied
±10%
Maximum Energy
A single standard impulse of 2m second, once
±10%
High Temperature Life
with d.c. Bias
125°C ± 2°C, 1000h, Applied voltage: Varistor voltage (V1ma) x 0.85
±10%
High Temperature & High
Humidity Life with Bias
85°C ± 2°C, 85% RH, 1000h, Applied voltage: Varistor voltage (V1ma) x 0.85
Thermal Shock
-55°C (15 min.)/ +125°C (15 min.) 300 cycles
±10%
High Temperature Storage
150°C, 1000h
±10%
Low Temperature Storage
-40°C, 1000h
±10%
V1mA
A.C.(Vr.m.s.)
D.C.(V)
V1A
V2A
NV73DL2BTTE22
NV73DL2BTTE27
NV73DL2BTTE33
22~27
24~32
33~39
14
17
20
––
––
––
1
1
1
300
300
300
24.5
24.5
24.5
16
22
26
42
50
60
NV73DL2BTTE68
NV73DL2BTTE82
62~72
74~90
45
50
––
––
1.5
1.5
300
300
64
75
56
65
108
135
Short-Time Applied Voltage
Maximum value of D.C. voltage that can be applied for a short period of time
(5 min.) (NV73D2A 12: 1 min.)
±10%
Electrostatic Discharge
25kV (Non contact) (NV73DL1J12, NV73DL2A12: 15kV (Non contact))
±10%
No visible damage. No remarkable
mechanical damage
Vibration Resistance
Vibration frequency: 10Hz~2000Hz; Full amplitude: 1.5mm,
10Hz~2000Hz~10Hz 20 min. XYZ direction 4 hrs for each total 12 hrs
Shock
Half sine wave, Applied time: 1m second, Applied cycle: 500m/s2, 5 cycles
±10%
NV73DL1J
NV73DL2A
NV73DL2B


Similar Part No. - NV73DL1JTTE27

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73DL1JTTE27 KOA-NV73DL1JTTE27 Datasheet
122Kb / 2P
   multilayer type metal oxide varistor (automotive)
More results

Similar Description - NV73DL1JTTE27

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73DL1J KOA-NV73DL1J Datasheet
122Kb / 2P
   multilayer type metal oxide varistor (automotive)
NVD05UC KOA-NVD05UC Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
NV73DS2LTTE27 KOA-NV73DS2LTTE27 Datasheet
238Kb / 2P
   multilayer type metal oxide varistor (load dump surge)
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com