Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB520 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SB520
Description  CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SB520 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SB520 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SB520 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB520 THRU SB5100
CURRENT 5.0Amperes
VOLTAGE 20 to 100 Volts
Maximum Ratings and Electrical Characteristics
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance from junction to lead vrtical P.C.B. mounted, 0.375"(9.5mm) lead length
(3) Measured 1MHz and reverse voltage of 4.0 volts
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals,
0.375" (9.5mm) lead length, 5lbs. (2.3Kg) tension
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial leads, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.041 ounce, 1.15 gram
Symbols
SB520
SB540
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
0.55
0.70
Maximum DC blocking voltage
VDC
Volts
Maximum average forward rectified current
0.375"(9.5mm) lead length(see Fig. 1)
I(AV)
5.0
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC mothod at rated TL)
150.0
Amps
Amps
Maximum instantaneous forward voltage
at 5.0A (Note 1)
VF
2.5
Volts
TA=25℃
50
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=100℃
500
mA
Typical thermal resistnce (Note 2)
25.0
℃/W
Operating junction temperature range
-65 to +125
IR
IFSM
JA
TJ
Volts
SB530
CJ
14
21
28
20
30
40
P
F
Typical junction capacitance (Note 3)
Storage temperature range
TSTG
-65 to +150
-65 to +150
0.85
SB550
SB580
50
60
80
SB560
35
42
56
50
60
80
SB5100
100
70
100
JL
8.0
25
400
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SB520 YEASHIN-SB520 Datasheet
432Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Nanjing International G...
SB520 DGNJDZ-SB520 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
logo
Diotec Semiconductor
SB520 DIOTEC-SB520 Datasheet
138Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SR502 DAESAN-SR502 Datasheet
346Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
logo
Gaomi Xinghe Electronic...
SR5200 GXELECTRONICS-SR5200 Datasheet
373Kb / 2P
   Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Microdiode Electronics ...
SS515 CHENDA-SS515 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Gaomi Xinghe Electronic...
SRF560 GXELECTRONICS-SRF560 Datasheet
334Kb / 2P
   SCHOTTKY BARIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
SRF520 GXELECTRONICS-SRF520 Datasheet
334Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Microdiode Electronics ...
SS510 CHENDA-SS510 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
SS520 CHENDA-SS520 Datasheet
360Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
Gaomi Xinghe Electronic...
SRF550 GXELECTRONICS-SRF550 Datasheet
334Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
DAESAN ELECTRONIC CORP.
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
   CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com