Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRS14TD1002T Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MRS14TD1002T
Description  plate-shaped high precision metal film resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MRS14TD1002T Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MRS14TD1002T Datasheet HTML 1Page - KOA Speer Electronics, Inc. MRS14TD1002T Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRS
plate-shaped high precision metal film resistor
Absolute
Maximum
Overload
Voltage
Absolute
Maximum
Working
Voltage
Type
Operating
Temperature
Range
Rated
Ambient
Temperature
Power
Rating
applications and ratings
T.C.R.
(ppm/°C)
Max.
Resistance Range (Ω)
––
––
––
––
––
––
100-100k
100-100k
100-100k
Y: ±5
T: ±10
E: ±25
Y: ±5
T: ±10
E: ±25
S: ±2.5
Y: ±5
T: ±10
0.125W
0.25W
0.3W
200V
250V
200V
400
500
MRS1/8
MRS1/4
MRS1/3
+70°C
-55°C
to
+125°C
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
-20
0
406080100140
70
20
Ambient Temperature
(°C)
0
-55
120
125
Performance Characteristics
T: ±.01%
E96
––
––
––
––
––
––
30.1-100k
30.1-100k
30.1-100k
Q: ±.02%
E96
100-250k
100-250k
100-250k
100-510k
100-510k
100-510k
30.1-100k
10-100k
10-100k
A: ±.05%
100-250k
100-510k
100-510k
100-510k
100-1M
100-1M
30.1-100k
10-100k
10-100k
B: ±.1%
100-250k
30-510k
10-510k
100-510k
30-1M
10-1M
––
––
––
C: ±.25%
100-250k
30-510k
10-510k
100-510k
30-1M
10-1M
––
––
––
D: ±.5%
Surface Temperature Rise
100
75
50
25
25
50
75
100
% Rated Power
MRS1/8
0
0
MRS1/4
130
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/29/11
Parameter
Requirement ∆ R ±(% + 0.05Ω)
Test Method
Resistance
T.C.R.
25°C
+25°C/+65°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 or max. overload voltage whichever is lower, for 5 seconds
±0.05%
Resistance to Soldering Heat
350°C ± 10°C, 3.5 seconds ± 0.5 second
±0.1%: MRS1/8, 1/4
±0.05%: MRS1/3
Rapid Change of Temperature
MRS1/8, 1/4: -55 +0-5°C (30 minutes), +125 +3-0°C (30 minutes), 5 cycles
MRS1/3: -55 +0-5°C (30 minutes), +125 +3-0°C (30 minutes), 50 cycles
±0.1%: MRS1/8, 1/4
±0.05%: MRS1/3
Moisture Resistance
40°C ± 2°C, 90 ~ 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.1%: MRS1/8, 1/4
±0.05%: MRS1/3
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.1%: MRS1/8, 1/4
±0.05%: MRS1/3
500V (a.c.) for 1 minute between terminals and coatings
Dielectric Withstanding Voltage
±0.5%: MRS1/8, 1/4
±0.05%: MRS1/3
500V (d.c.) for 1 minute
Insulation Resistance
10,000MΩ and more
Soaking in 2-propanol of +20°C~25°C for 180 seconds ± 10 seconds
Resistance to Solvent
No abnormality in appearance.
Marking shall be easily legible.
* MRS1/3 is available only in E96 series.
E24/E96 & 25, 50 *10
n


Similar Part No. - MRS14TD1002T

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MRS10FB10L0 SEI-MRS10FB10L0 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
MRS10FB5L00 SEI-MRS10FB5L00 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
MRS10FBR200 SEI-MRS10FBR200 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
MRS10FT10L0 SEI-MRS10FT10L0 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
MRS10FT5L00 SEI-MRS10FT5L00 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
More results

Similar Description - MRS14TD1002T

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
   Precision Metal Film Resistor
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com