Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9661AKR Datasheet(PDF) 10 Page - Analog Devices

Part # AD9661AKR
Description  Laser Diode Driver with Light Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9661AKR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9661AKR Datasheet HTML 4Page - Analog Devices AD9661AKR Datasheet HTML 5Page - Analog Devices AD9661AKR Datasheet HTML 6Page - Analog Devices AD9661AKR Datasheet HTML 7Page - Analog Devices AD9661AKR Datasheet HTML 8Page - Analog Devices AD9661AKR Datasheet HTML 9Page - Analog Devices AD9661AKR Datasheet HTML 10Page - Analog Devices AD9661AKR Datasheet HTML 11Page - Analog Devices AD9661AKR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
20ns
10mV
+5V
1k
10
TO
SCOPE
MPSH81
33pF
HOLD
SENSE IN
OUTPUT
AD9661A
POWER MONITOR
GAIN
POWER LEVEL
PULSEL
LOW
HIGH
3V
2V
2pF
1k
Figure 9. Typical AD9661A Closed-Loop Pulse Response
VHOLD – V
180
40
0
1.7
3.2
2
2.3
2.9
20
2.6
60
80
100
120
140
160
3.5
3.8
4.1
4.4
4.2
Figure 8. Typical AD9661A V/I Transfer Function
AD9661A–Typical Performance Characteristics
REV. 0
–10–


Similar Part No. - AD9661AKR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
More results

Similar Description - AD9661AKR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606 Datasheet
183Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660 AD-AD9660 Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com