Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5233 Datasheet(PDF) 6 Page - EPCOS

Part # B5233
Description  Low-loss IF filter for GSM applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5233 Datasheet(HTML) 6 Page - EPCOS

  B5233 Datasheet HTML 1Page - EPCOS B5233 Datasheet HTML 2Page - EPCOS B5233 Datasheet HTML 3Page - EPCOS B5233 Datasheet HTML 4Page - EPCOS B5233 Datasheet HTML 5Page - EPCOS B5233 Datasheet HTML 6Page - EPCOS B5233 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Jun 30, 2011
B5233
138.2 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
References
Type
B5233
Ordering code
B39141B5233H810
Marking and package
C61157-A7-A103
Packaging
F61074-V8170-Z000
Date codes
L_1126
S-parameters
B5233_NB.s2p; B5233_WB.s2p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
Matching coils
See Inductor pdf-catalog
http://www.tdk.co.jp/tefe02/coil.htm#aname1
and Data Library for circuit simulation
http://www.tdk.co.jp/etvcl/index.htm
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Systems, Acoustics, Waves Business Group
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2011. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B5233

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5232 EPCOS-B5232 Datasheet
76Kb / 8P
   SAW IF filter DECT
B5239 EPCOS-B5239 Datasheet
81Kb / 8P
   Wide band, low-loss IF filter for LTE
More results

Similar Description - B5233

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5245 EPCOS-B5245 Datasheet
68Kb / 7P
   Low-loss IF filter
logo
Oscilent Corporation
805-IF360.0M-D OSCILENT-805-IF360.0M-D Datasheet
180Kb / 3P
   IF Filter for GSM, PCN system
logo
EPCOS
B3893 EPCOS-B3893_1 Datasheet
58Kb / 7P
   SAW IF filter GSM
LP38A EPCOS-LP38A Datasheet
76Kb / 7P
   Low-Loss Filter for Multimedia Applications
logo
Oscilent Corporation
805-RF246.0M-A OSCILENT-805-RF246.0M-A Datasheet
256Kb / 2P
   Low Loss IF SAW Filter
813-SL70.0M-09 OSCILENT-813-SL70.0M-09 Datasheet
229Kb / 2P
   Low-Loss IF SAW Filter
logo
Mitsubishi Electric Sem...
MF1105-1 MITSUBISHI-MF1105-1 Datasheet
25Kb / 1P
   FOR IF FILTER OF GSM HAND HELD
logo
EPCOS
B5239 EPCOS-B5239 Datasheet
81Kb / 8P
   Wide band, low-loss IF filter for LTE
logo
Oscilent Corporation
813-SL75.0M-30 OSCILENT-813-SL75.0M-30 Datasheet
215Kb / 4P
   Low-Loss 75MHz IF SAW Filter
logo
EPCOS
J1951M EPCOS-J1951M Datasheet
88Kb / 6P
   IF Filter for Intercarrier Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com