Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4311 Datasheet(PDF) 2 Page - EPCOS

Part # B4311
Description  Low-loss RF filter for mobile telephone
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4311 Datasheet(HTML) 2 Page - EPCOS

  B4311 Datasheet HTML 1Page - EPCOS B4311 Datasheet HTML 2Page - EPCOS B4311 Datasheet HTML 3Page - EPCOS B4311 Datasheet HTML 4Page - EPCOS B4311 Datasheet HTML 5Page - EPCOS B4311 Datasheet HTML 6Page - EPCOS B4311 Datasheet HTML 7Page - EPCOS B4311 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
March 06, 2012
B4311
836.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Tx Filter
Data sheet
Application
s
Low-loss RF filter for mobile telephone
WCDMA systems, transmit path (Tx)
s
Usable passband 25.0 MHz
s
No matching network required for operation at 50
Features
s
Package size 1.4 x 1.1 x 0.4 mm3
s
Package code QCS5P
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
AEC-Q200 qualified component family (operable
temperature range –40˚C to +85˚C)
s
Electrostatic Sensitive Device (ESD)
5
4
3
2
0.25
0.5
0.5
1.4
bottom view
side view
top view
Pin configuration
s
1
Input
s
4
Output
s
2,3,5
to be grounded
1
4
3
2,5


Similar Part No. - B4311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
EPCOS
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
   Low insertion attenuation
B4313 EPCOS-B4313 Datasheet
76Kb / 8P
   Low insertion attenuation
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
   Usable passband 25.0 MHz
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
   Low-loss RF filter for mobile telephone
More results

Similar Description - B4311

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4303 EPCOS-B4303 Datasheet
116Kb / 10P
   Low-loss RF filter for mobile telephone
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
   Low-loss RF filter for mobile telephone
B4302 EPCOS-B4302 Datasheet
118Kb / 10P
   Low-loss RF filter for mobile telephone
logo
Transko Electronics, In...
TF-9027-ND TRANSKO-TF-9027-ND Datasheet
413Kb / 3P
   Low-loss RF SAW filter for mobile telephone PCN system
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Transko Electronics, In...
TFB115AC-SH TRANSKO-TFB115AC-SH Datasheet
347Kb / 3P
   Low-loss RF filter for mobile telephone Cellular / WCDMA Band V systems.
Revision 0: July 2018
TF-9264-ND TRANSKO-TF-9264-ND Datasheet
440Kb / 4P
   Low-loss RF filter for mobile systems
TF-9286-ND TRANSKO-TF-9286-ND Datasheet
446Kb / 4P
   Low-loss RF filter for mobile systems
TF-9117-ND TRANSKO-TF-9117-ND Datasheet
490Kb / 4P
   Low-loss RF filter for mobile systems
TF-5032-ND TRANSKO-TF-5032-ND Datasheet
443Kb / 4P
   Low-loss RF SAW filter for mobile systems
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com