Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT732ATTE101J1000 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LT732ATTE101J1000
Description  linear positive tempco thermistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LT732ATTE101J1000 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LT732ATTE101J1000 Datasheet HTML 1Page - KOA Speer Electronics, Inc. LT732ATTE101J1000 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LT73
linear positive tempco thermistor
applications and ratings
Resistance
Tolerance
T.C.R.
(x10
-6/K)
T.C.R.
Tolerance
2kΩ - 24kΩ
1kΩ - 20kΩ
1kΩ - 13kΩ
510Ω - 4.7kΩ
510Ω - 4.7kΩ
510Ω - 3.0kΩ
510Ω - 3.0kΩ
100Ω - 1kΩ
51Ω - 510Ω
2kΩ - 51kΩ
G: ±2%
150, 250, 350, 450, 500
±100x10-6/K
±150x10-6/K
±15%
±10%
600, 700, 800, 900
1000, 1200, 1400
1600, 1800
2000, 2200, 2400
2600, 2800, 3000
3300, 3600, 3900
4200
4500
J: ±5%
1kΩ - 43kΩ
1kΩ - 27kΩ
1kΩ - 10kΩ
510Ω - 9.1kΩ
510Ω - 6.2kΩ
510Ω - 6.2kΩ
100Ω - 2kΩ
51Ω - 510Ω
Resistance Range
E-24
LT732B
LT732A
Performance Characteristics
Derating Curve
environmental applications
100
80
60
40
20
-20
0
20406080100120140
125
70
Ambient Temperature
(°C)
0
-40
Examples of Temperature
Characteristics of Resistance
60
50
20
10
0
-25
0
255075100
125
Ambient Temperature
(°C)
-30
-50
4500ppm/°C
40
30
-10
-20
3300ppm/°C
2400ppm/°C
1600ppm/°C
T.C.R. Measuring Temperature: +25°C ~ +75°C
Approximate Expression for Resistance-Temperature Characteristics
C1
C2
3000
3300
3600
3900
4200
4500
0.9288
0.0028
1.9983 x 10-6
2.9980 x 10-6
4.0000 x 10-6
4.0064 x 10-6
3.9964 x 10-6
4.0064 x 10-6
0.0041
0.9232
0.9175
0.9099
0.9026
0.8948
C0
T.C.R.
(x10-6/K)
0.0030
0.0032
0.0035
0.0038
185
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/19/12
Parameter
Requirement ∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/+75°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 or maximum overload volume for 5 seconds, whichever is lower
±1.0%
±0.23%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±0.1%
Rapid Change of Temperature
-40°C (30 minutes)/ +125°C (30 minutes), 5 cycles
±1.0%
±0.1%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±3.0%
±0.54%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±3.0%
±0.62%
Confirming resistance drift is recommended since this product has a tendency to have bigger resistance change than general flat chip over 70°C.
Please pay attention not to be applied ESD, it may cause of resistance change.
Test Items
High Temperature Exposure
125°C, 1000 hours
±0.6%
Low Temperature Exposure
-40°C, 45 minutes
±0.05%
Reference
Test Method
ESD
Human model, 100 pF 1.5 kΩ
500V
Actual Value (Out of Guarantee)
For resistors operated at an ambient temperature
of 70°C or above, a power rating shall be derated
in accordance with the above derating curve.
Rated voltage = Power Rating x Resistance value or Max. working voltage, whichever is lower.


Similar Part No. - LT732ATTE101J1000

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LT732ATTE101J1000 KOA-LT732ATTE101J1000 Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732ATTE101J1000 KOA-LT732ATTE101J1000 Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
More results

Similar Description - LT732ATTE101J1000

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
LA731JT KOA-LA731JT Datasheet
112Kb / 4P
   Thick Film Linear Positive Tempco Thermistor
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731JT KOA-NT731JT Datasheet
78Kb / 4P
   Negative Tempco Thermistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com