Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNZ2A8ATTDD Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CNZ2A8ATTDD
Description  zero ohm jumper resistor array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CNZ2A8ATTDD Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CNZ2A8ATTDD Datasheet HTML 1Page - KOA Speer Electronics, Inc. CNZ2A8ATTDD Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
t
W
a
L
C
d
b
p
Protective
Coating
Resistive
Film
Ceramic
Substrate
Inner
Electrode
Electrode
a
80
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/27/10
CNZ
zero ohm jumper resistor array
features
Manufactured to type RK73Z standards
Concave or convex terminations
Less board space than individual chip
Isolated jumper elements
Marking: Concave and CNZ1F8K type has green body
with no marking
Convex type has black body with white “000”
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
CN Concave/ Square Corner
CN_K/N Concave/ Square Corner
dimensions and construction
Size
Code
.126±.008
(3.2±0.2)
.126±.008
(3.2±0.2)
.079±.008
(2.0±0.2)
.012±.008
(0.3±0.2)
.016±.006
(0.4±0.15)
.016±.008
(0.4±0.2)
.020±.012
(0.5±0.3)
.020±.004
(0.5±0.1)
.006±.004
(0.15±0.1)
.003±.002
(0.07±0.05)
.031
(0.8)
.200±.008
(5.08±0.2)
.022±.006
(0.55±0.15)
.031
(0.8)
.050
(1.27)
CNZ1J4
CNZ2A4
CNZ2B4
b
p (ref.)
a (bot.)
a (top)
t
d
C
W
L
Dimensions inches
(mm)
.063±.004
(1.6±0.1)
.024±.004
(0.6±0.1)
a
t
W
L
p
C
d
b
Protective
Coating
Resistive
Film
Ceramic
Substrate
Electrode
CN___A Convex/Scalloped Corner
CNZ1J2
CNZ1J8
CNZ2A2
CNZ2B2
.063±.006
(1.6±0.15)
.079±.004
(2.0±0.1)
CNZ1E4
CNZ1E2
.039±.004
(1.0±0.1)
.018±.004
(0.45±0.1)
.014±.004
(0.35±0.1)
.252±.008
(6.4±0.2)
.100±.008
(2.54±0.2)
.100±.008
(2.54±0.2)
.200±.008
(5.08±0.2)
.016±.006
(0.4±0.15)
.008±.004
(0.2±0.1)
.010±.004
(0.25±0.1)
.012±.004
(0.3±0.1)
.020
(0.5)
.039±.004
(1.0±0.1)
.012±.004
(0.3±0.1)
.031
(0.8)
EU
Size
Code
.126±.006
(3.2±0.15)
.122±.008
(3.1±0.2)
.012±.004
(0.3±0.1)
.012±.004
(0.3±0.1)
.016±.004
(0.25±0.1)
.020±.008
(0.5±0.2)
.020±.006
(0.5±0.15)
.006
(0.15)
.031
(0.8)
.014±.006
(0.35±0.15)
.031±.008
(0.8±0.2)
.050
(1.27)
CNZ1J4K
CNZ1F8K
p (ref.)
b (ref.)
a (ref.)
t
d
C
W
L
Dimensions inches
(mm)
.063±.006
(1.6±0.15)
.063±.004
(1.6±0.1)
CNZ1E4K
.079±.004
(2.0±0.1)
.006±.008
(0.15±0.2)
.008±.006
(0.3±0.15)
.006±.004
(0.15±0.1)
.020
(0.5)
.020
(0.5)
.010 max.
(0.25±0.2)
.039±.004
(1.0±0.1)
CNZ1E2K
.039±.004
(1.0±0.1)
.006±.004
(0.15±0.1)
.014±.004
(0.35±0.1)
.013±.004
(0.33±0.1)
.007±.002
(0.17±0.05)
.026
(0.65)
.010 max.
(0.25±0.1)
.039±.004
(1.0±0.1)
CNZ1J2K
CNZ2B4A
.063±.006
(1.6±0.15)
.201±.008
(5.1±0.2)
.200±.008
(3.8±0.1)
.024±.006
(0.6±0.15)
CNZ1H2N
.031±.004
(0.8±0.1)
.126±.006
(3.2±0.15)
.012±.008
(0.3±0.2)
.020±.006
(0.5±0.15)
CNZ1J4A
.006±.004
(0.15±0.1)
.014±.004
(0.3±0.1)
.014±.004
(0.3±0.1)
.020
(0.5)
.006 max.
(0.15±0.1)
.024±.004
(0.6±0.1)
.055±.004
(1.4±0.1)
.024±.003
(0.6±0.08)
.004±.003
(0.1±0.08)
.008±.004
(0.2±0.1)
.016
(0.4)
CNZ1H4N
.008±.003
(0.2±0.08)
.022±.004
(0.55±0.1)
.018±.006
(0.45±0.1)
.020±.004
(0.5±0.1)
.014±.004
(0.3±0.1)
.018±.006
(0.45±0.1)
t
W
a
L p
b
C
d
Protective
Coating
Resistive
Film
Ceramic
Substrate
Inner
Electrode
Electrode


Similar Part No. - CNZ2A8ATTDD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNZ2A4RTTD103J KOA-CNZ2A4RTTD103J Datasheet
254Kb / 2P
   anti sulfuration chip networks (concave termination)
CNZ2A4RTTE103J KOA-CNZ2A4RTTE103J Datasheet
254Kb / 2P
   anti sulfuration chip networks (concave termination)
CNZ2AATTD KOA-CNZ2AATTD Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ2AATTDD KOA-CNZ2AATTDD Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ2AATTE KOA-CNZ2AATTE Datasheet
98Kb / 2P
   zero ohm jumper resistor array
More results

Similar Description - CNZ2A8ATTDD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNZ1HAT KOA-CNZ1HAT Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ KOA-CNZ Datasheet
386Kb / 2P
   zero ohm jumper resistor array
RK73Z KOA-RK73Z Datasheet
364Kb / 2P
   zero ohm jumper chip resistor
RK73Z1EL KOA-RK73Z1EL Datasheet
88Kb / 2P
   zero ohm jumper chip resistor
RK73Z2BTTD KOA-RK73Z2BTTD Datasheet
206Kb / 2P
   zero ohm jumper chip resistor
logo
Stackpole Electronics, ...
CD_SERIES SEI-CD_SERIES Datasheet
265Kb / 4P
   Zero Ohm Resistor
4/5/2022
logo
Vishay Siliconix
FRJ-50 VISHAY-FRJ-50 Datasheet
133Kb / 2P
   Metal Film Resistors, Industrial, Zero Ohm Jumper Resistor
Revision 01-Aug-02
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
   zero ohm melf resistor
logo
Vishay Siliconix
WSL0805 VISHAY-WSL0805 Datasheet
51Kb / 1P
   WSL TYPE ZERO OHM JUMPER
logo
RFE international
ZR25R-0R0-W RFE-ZR25R-0R0-W Datasheet
86Kb / 1P
   HIGH-MEG OHM RESISTORS ZERO OHM & JUMPER WIRE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com