Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC4235CTM221K Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LPC4235CTM221K
Description  power chip inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC4235CTM221K Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LPC4235CTM221K Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC4235CTM221K Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
214
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/11
LPC4235 & LPC4545
power chip inductor
Part
Designation
Inductance
(µH)
applications and ratings
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(Amps)
Self Resonant
Frequency
Minimum
(MHz)
Inductance
Tolerance
M: ±20%
K: ±10%
LPC4545CTE 1R0M
1.0
90.0
0.015
3.66
LPC4545CTE 1R5M
1.5
65.0
0.02
3.21
LPC4545CTE 2R2M
2.2
50.0
0.023
2.96
LPC4545CTE 3R3M
3.3
40.0
0.044
2.19
LPC4545CTE 4R7M
4.7
35.0
0.062
1.81
LPC4545CTE 6R8M
6.8
25.0
0.075
1.60
LPC4545CTE 100K
10
23.0
0.1
1.43
LPC4545CTE 150K
15
15.0
0.15
1.04
LPC4545CTE 220K
22
13.0
0.21
0.88
LPC4545CTE 330K
33
10.0
0.41
0.60
LPC4545CTE 470K
47
9.0
0.52
0.53
LPC4545CTE 680K
68
7.5
0.67
0.49
LPC4545CTE 101K
100
5.5
0.92
0.41
LPC4545CTE 151K
150
5.0
1.8
0.29
LPC4545CTE 221K
220
4.0
2.25
0.26
LPC4545CTE 331K
330
2.5
4.27
0.19
LPC4545CTE 471K
470
2.0
5.23
0.17
LPC4545CTE 681K
680
1.8
6.67
0.15
LPC4545CTE 152K
1500
2200
1.3
17.04
0.10
M: ±20%
K: ±10%
LPC4235TTM R82M
0.82
146.6
0.017
3.34
LPC4235TTM 1R0M
1.0
125.1
0.020
3.27
LPC4235TTM 1R2M
1.2
114.7
0.023
3.10
LPC4235TTM 1R5M
1.5
101.4
0.031
2.53
LPC4235TTM 2R2M
2.2
78.8
0.039
2.28
LPC4235TTM 3R3M
3.3
66.7
0.070
1.63
LPC4235TTM 4R7M
4.7
52.0
0.090
1.44
LPC4235TTM 6R8M
6.8
43.5
0.109
1.29
LPC4235TTM 100K
10
33.5
0.190
0.91
LPC4235TTM 150K
15
29.1
0.230
0.87
LPC4235TTM 220K
22
21.7
0.366
0.69
LPC4235TTM 330K
33
13.9
0.542
0.52
LPC4235TTM 470K
47
12.0
0.688
0.47
LPC4235TTM 680K
68
12.7
1.30
0.34
LPC4235TTM 101K
100
10.4
1.66
0.31
LPC4235TTM 151K
150
7.5
2.96
0.22
LPC4235TTM 221K
220
6.7
3.77
0.20
LPC4545CTE 222K
0.9
35.0
0.07
environmental applications
Operating temperature range: -40°C – +125°C (the self-temperature rise is contained)
Allowable current is a DC Current which causes initial inductance to decrease by 10%. Or coil temperature to rise by 40°C, whichever is smaller
Surface Temperature Rise graphs and additional environmental applications can be found at www.koaspeer.com
Performance Characteristics
Parameter
+125°C ± 2°C, 1000 hours
±5%
Maximum ∆ L
Test Method
High Temperature Exposure
-40°C, 1000 hours
±5%
Low Temperature Exposure
+40°C ± 2°C, 90 - 95% RH, 1000 hours
±5%
Moisture Exposure
-40°C (30 minutes)/+125°C (30 minutes), 100 cycles
±5%
Rapid Change of Temperature


Similar Part No. - LPC4235CTM221K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4235TTED100K KOA-LPC4235TTED100K Datasheet
151Kb / 3P
   choke coil inductor
LPC4235TTED101K KOA-LPC4235TTED101K Datasheet
151Kb / 3P
   choke coil inductor
LPC4235TTED150K KOA-LPC4235TTED150K Datasheet
151Kb / 3P
   choke coil inductor
LPC4235TTED151K KOA-LPC4235TTED151K Datasheet
151Kb / 3P
   choke coil inductor
LPC4235TTED1R0M KOA-LPC4235TTED1R0M Datasheet
151Kb / 3P
   choke coil inductor
More results

Similar Description - LPC4235CTM221K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Allied Components Inter...
MLPC05 ALLIED-MLPC05 Datasheet
2Mb / 1P
   Multilayer Power Chip Inductor
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPCH15 ALLIED-MLPCH15 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
PCS8D43 ALLIED-PCS8D43 Datasheet
452Kb / 1P
   Shielded Power Chip Inductor
PCS6D38-AU ALLIED-PCS6D38-AU Datasheet
4Mb / 1P
   Power Chip Shielded Inductor
logo
Taiyo Yuden (U.S.A.), I...
BRC1608TR43M6 TAIYO-YUDEN-BRC1608TR43M6 Datasheet
913Kb / 19P
   WOUND CHIP POWER INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com