Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9561JR Datasheet(PDF) 5 Page - Analog Devices

Part # AD9561JR
Description  Pulse Width Modulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9561JR Datasheet(HTML) 5 Page - Analog Devices

  AD9561JR Datasheet HTML 1Page - Analog Devices AD9561JR Datasheet HTML 2Page - Analog Devices AD9561JR Datasheet HTML 3Page - Analog Devices AD9561JR Datasheet HTML 4Page - Analog Devices AD9561JR Datasheet HTML 5Page - Analog Devices AD9561JR Datasheet HTML 6Page - Analog Devices AD9561JR Datasheet HTML 7Page - Analog Devices AD9561JR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD9561
–5–
REV. 0
Pulse Pattern Example
Figure 1 at the top of the previous page illustrates the PWM
OUT of the AD9561 with various DATA and CONTROL
inputs. The DATA format is Binary. In the Pulse Pattern
Example, the Hexadecimal format is used, i.e., FFH represents
decimal 255.
The top line shows the CLOCK; the second shows DATA and
CONTROL inputs, which are latched on the rising edge of
CLOCK. The third line shows the resulting pulse.
The AD9561 DATA and CONTROL inputs are double
latched. The OUTPUT pulse labeled “Pulse N” results from
DATA and CONTROL values latched in by the first CLOCK,
illustrating the one CLOCK period timing delay.
The CONTROL value number for pulse one is shown as xx.
This means the value is not important because a 100% pulse
will be output for any CONTROL value for DATA value 255 or
FFH. Likewise, OUTPUT Pulse N is noted as 100% DNC (do
not care), also noting that CONTROL value is unimportant.
The fourth DATA/CONTROL value is C0/0X. This indicates
that the level for LEM/TEM is unimportant when SEM/DEM is
logic Level “0”.
Selecting RSET
Because the AD9561 must provide full range coverage of the
CLOCK pulse period, the ramp time must be matched to the
CLOCK period. All components for the ramp generators, except
RSET, are integrated in the AD9561.
RSET, is selected by the user to set the ramp time close to the
CLOCK period. The ramps are generated by constant current
sources charging on-chip capacitors.
RSET can be chosen in the range from 226 Ω for 60 MHz
operation to 16.5 k
Ω for 1 MHz. Because the absolute value of
the on-chip capacitor can vary by
±20%, the autocalibration
circuit is included to fine tune the matching of the ramp time to
the CLOCK period.
RSET – kΩ
100
10
1
020
1
10
Figure 3. RSET Values vs. CLOCK Frequency
Figure 3 shows approximate values for RSET over the operating
frequency range. The following equation should be used to
determine RSET:
R
=
30.2068
×109
F1.04414
where F is the CLOCK frequency in Hz. The resistor value
determined by the equation will generate a current near center-
range of the autocalibration circuit.
Autocalibration
The AD9561 should be calibrated when power is applied to the
system or after a power reduce cycle.
tAC
CAL START
CAL OUT
1µs MIN
Figure 4. Autocalibration Timing
Autocalibration is initiated by applying a pulse of 1
µs minimum
duration to Pin 17, CAL START. The CLOCK pulse should be
applied continuously during calibration. As Figure 4 shows, the
initial state of CAL OUT is not known.
During the CAL IN pulse, all internal logic is initialized for
calibration and proper synchronization once calibration is
complete; the falling edge of CAL IN initiates the Auto-CAL
cycle.
Auto-CAL is not affected by the code applied to the DATA or
CONTROL inputs. However, to assure that no pulses are
generated during calibration, it is suggested that all digital
inputs be held at Logic “0.”
On the falling edge of CAL IN, the ramp’s slope is set as slow as
possible for the current RSET. Figure 4 shows the RAMP slope
increasing as autocalibration adds small incremental currents,
until it crosses the internal REF LO before the end of the
CLOCK period.
RAMP
REF LO
RAMP
END OF CLOCK CYCLE
TIME
Figure 5. Autocalibration Conceptual
The calibration current is incremented on each 32nd CLOCK
pulse until the full-scale ramp time is equal to the period of the
CLOCK. Cal Complete is detected and CAL OUT goes high
when the ramp crosses REF LO before it is reset by the next
CLOCK. With a maximum of 64 incremental increases, the
maximum autocalibration time, tAC, can be calculated by the
equation:
tAC =
32
× 64
FC
where:
FC = CLOCK frequency in Hertz


Similar Part No. - AD9561JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
More results

Similar Description - AD9561JR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A_1 Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1524 LINER-LT1524_15 Datasheet
1Mb / 8P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com