Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0501470000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0501470000
Description  Neutral conductor modular terminal, 6 mm짼, Screw connection, PA 66, blue, TS 35
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0501470000 Datasheet(HTML) 1 Page - Weidmuller

  0501470000 Datasheet HTML 1Page - Weidmuller 0501470000 Datasheet HTML 2Page - Weidmuller 0501470000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | TS 35 | Polyamide PA 6.6 |
Installation terminals
- 1 -
General ordering data
Order No.
0501470000
Part designation
NT 6/35 10X3 KRG/BL
Version
Neutral conductor modular terminal, 6 mm², Screw
connection, PA 66, blue, TS 35
EAN
4008190041052
Qty.
100 pc(s).
Product notes
Note, technical data
Tightening torque via disconnector is 0.5 ... 0.8
Nm.
Product description
These NT modular terminals are prescribed for
insulation measurements without detaching the
conductors according to VDE standards for places
of public assembly.
Note, accessories
Refer to the "Accessories" section for PEN bridges
and additional clamping-yoke versions. Use of
twin wire-end ferrules on request.
Additional technical data
Colour of insulating material
blue
Connection direction
on side
End plate required
Yes
Installation advice
TS 35
Insulating material
PA 66
Levels cross-connected internally
No
No. of terminal strips per level
2
Open sides
right
Operating temperature range
- 60 °C, + 130 °C
Type of connection
Screwed
Type of mounting
Snap-on
UL 94 flammability rating of insulation material
5VA
Version
Neutral conductor disconnect terminal
CSA rating data
Voltage (CSA)
300 V
CSA current
40 A
Min. cross-section (CSA)
AWG 20
Max. cross-section (CSA)
AWG 10


Similar Part No. - 0501470000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0501478000 MOLEX7-0501478000 Datasheet
141Kb / 4P
   Splash Proof Crimp Terminal 50147, Reel
0501478000 MOLEX1-0501478000_17 Datasheet
31Kb / 1P
   2.50mm Pitch Mizu-P25 Crimp Terminal, 50147, Reel
0501478100 MOLEX7-0501478100 Datasheet
140Kb / 3P
   Splash Proof Crimp Terminal 50147, Bag
0501478100 MOLEX1-0501478100_17 Datasheet
31Kb / 1P
   2.50mm Pitch Mizu-P25 Crimp Terminal, 50147, Bag
More results

Similar Description - 0501470000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0471780000 WEIDMULLER-0471780000 Datasheet
64Kb / 3P
   Neutral conductor modular terminal, 2.5 mm짼,Screw connection, PA 66, blue, TS 35
0471880000 WEIDMULLER-0471880000 Datasheet
66Kb / 3P
   Neutral conductor modular terminal, 10 mm짼, Busbar connection, PA 66, blue, TS 35
0212840000 WEIDMULLER-0212840000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0396660000 WEIDMULLER-0396660000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0268860000 WEIDMULLER-0268860000 Datasheet
68Kb / 3P
   Feed-through terminal, 2.5 mm짼, Screw connection, PA 66, beige, TS 35
0211200000 WEIDMULLER-0211200000 Datasheet
71Kb / 3P
   Earth terminal, 4 mm짼, Screw connection, PA 66, TS 15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com