Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1J8KTTD101F Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CN1J8KTTD101F
Description  convex termination with square corners resistor array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN1J8KTTD101F Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CN1J8KTTD101F Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN1J8KTTD101F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
68
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/12
features
Manufactured to type RK73 standards
Less board space than individual chips
Isolated resistor elements
Convex terminations with square corners
Marking: Body color black
1FN8K, 1H, 1E no marking
1J white three-digit marking
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
TD:
7" paper tape
TDD:
10" paper tape
ordering information
2 significant
figures + 1
multiplier
for ±5%
3 significant
figures + 1
multiplier
for ±1%
1H
1E
1J
1F
2
4
8
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
F: ±1%
J: ±5%
CN
1J
4
T
Elements
Type
Size
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
K: Convex
type with
square
corners
N: Flat
type with
square
corners
K
Terminal
Convex
Blank:
Marking
N: No
Marking
1F8
Marking
TD
101
J
For further information on packaging,
please refer to Appendix A.
dimensions and construction
Size
Code
.031±.004
(0.8±0.1)
.039±.004
(1.0±0.1)
.079±.004
(2.0±0.1)
.039±.004
(1.0±0.1)
.063±.006
(1.6±0.15)
.126±.006
(3.2±0.15)
.063±.006
(1.6±0.15)
.012±.008
(0.3±0.2)
.006±.004
(0.15±0.1)
.006±.004
(0.15±0.1)
.014±.004
(0.35±0.1)
.020±.004
(0.5±0.1) .020±.006
(0.5±0.15)
.012±.004
(0.3±0.1)
0.031
(0.8)
.020
(0.5)
.026
(0.67)
.024±.004
(0.6±0.1)
.006±.004
(0.15±0.1)
.010±.004
(0.25±0.1)
.010±.008
(0.25±0.2)
.010±.004
(0.25±0.1)
.014±.004
(0.35±0.1)
.012±.004
(0.3±0.1)
.013±.004
(0.33±0.1)
.007±.002
(0.17±0.05)
.020
(0.5)
1H2N
(0201x2)
.006±.004
(0.15±0.1)
1E2K
(0402x2)
1E4K
(0402x4)
1J2K
(0603x2)
1J4K
(0603x4)
p (ref.)
b (ref.)
a (ref.)
t
d
C
W
L
Dimensions inches
(mm)
.055±.004
(1.4±0.1)
.024±.003
(0.6±0.08)
.004±.003
(0.1±0.08)
.014±.004
(0.35±0.1)
.008±.004
(0.2±0.1)
.016
(0.4)
1H4N
(0201x4)
.008±.003
(0.2±0.08)
.024±.006
(0.6±0.15)
.012±.006
(0.3±0.15)
.006±.004
(0.15±0.1)
CN
K/N
convex termination with square corners
resistor array
EU
.149±.004
(3.8±0.1)
.063±.004
(1.6±0.1)
.012±.004
(0.3±0.1)
.018±.004
(0.45±0.1)
.012±.004
(0.30±0.1)
.006
(0.15)
.020
(0.5)
1F8K
1FN8K
(0602x8)
.012±.004
(0.3±0.1)
t
W
a
L
p
b
C
d
Resistive
Protective
Coating
Film
Ceramic
Substrate
Inner
Electrode
Electrode


Similar Part No. - CN1J8KTTD101F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J8KTTD101F KOA-CN1J8KTTD101F Datasheet
108Kb / 2P
   convex termination with square corners resistor array
More results

Similar Description - CN1J8KTTD101F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1H2K KOA-CN1H2K Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN-K-N KOA-CN-K-N Datasheet
349Kb / 2P
   convex termination with square corners resistor array
CN-A KOA-CN-A Datasheet
390Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4TTD101J KOA-CN1J4TTD101J Datasheet
260Kb / 2P
   concave termination with square corners resistor array
CN2B8TTE102J KOA-CN2B8TTE102J Datasheet
288Kb / 3P
   concave termination with square corners resistor array
CN2B4TTE103J KOA-CN2B4TTE103J Datasheet
288Kb / 3P
   concave termination with square corners resistor array
CN KOA-CN Datasheet
399Kb / 2P
   concave termination with square corners resistor array
logo
Stackpole Electronics, ...
RAVF SEI-RAVF Datasheet
392Kb / 6P
   Convex Termination Chip Resistor Array
7/30/2021
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
   Convex Termination Chip Resistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com