Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS12CL52R103G Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CFS12CL52R103G
Description  carbon film leaded resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CFS12CL52R103G Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CFS12CL52R103G Datasheet HTML 1Page - KOA Speer Electronics, Inc. CFS12CL52R103G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
features
Flameproof coating is available (specify “CFP”)
Reduced body size (specify “CFS/CFPS”)
Suitable for automatic machine insertion
Marking: Venetian red with color-coded bands on CF
Green body color with color-coded bands on CFP
Ivory body color with color-coded bands on CFS1/4
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
CF
carbon film leaded resistors
Axial: T26, T52, L52
Radial: VT, MT, MHT, VTP, VTE
U Forming: U, UCL
M Forming: M5, M10, M12.5
L Forming: L10, L12.5
ordering information
2 significant
figures + 1
multiplier
“R” indicates
decimal on
value <10Ω
S1/4: 0.25W
1/4: 0.25W
S1/2: 0.5W
C: SnCu
CF
CFP
G: ±2%
J: ±5%
CF
1/4
C
Termination
Material
Type
Power
Rating
Nominal
Resistance
Tolerance
Taping and Forming
New Part #
T52
103
A: Ammo
R: Reel
Packaging
R
J
For further information
on packaging, please refer
to Appendix C.
dimensions and construction
Ceramic Core
d
D
Marking
Resistive
Film
Insulation Coating
Trimming Line
End
Cap
Lead
Wire
L
l
C
L
CFS1/4
CFPS1/4
.126±.008
(3.2±0.2)
.134
(3.4)
.067±.008
(1.7±0.2)
.018
(0.45)
.787 Min.
(20.0 Min.)
__
.551 Min.*
(14.0 Min.)
.024
(0.6)
.092±.012
(2.3±0.3)
.280
(7.1)
.240±0.2
(6.1±0.5)
CF1/4
CFP1/4
.024
(0.6)
.112±.012
(2.85±0.3)
.280
(7.1)
.248±.02
(6.3±0.5)
CFS1/2
CFPS1/2
Type
C (max.)
D
d (nom.)
Standard
Long
Dimensions inches
(mm)
EU
.787 Min.***
(20.0 Min.)
l**
* Forming code S is applied for bulk type.
** Lead length changes depending on taping and forming type.
*** Long type is custom-made
107
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12


Similar Part No. - CFS12CL52R103G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFS12V3T2R50 ETC-CFS12V3T2R50 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS12V3T3R00 ETC-CFS12V3T3R00 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS12V3T4R0 ETC-CFS12V3T4R0 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS12V3T5R0 ETC-CFS12V3T5R0 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS12V3T7R0 ETC-CFS12V3T7R0 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
More results

Similar Description - CFS12CL52R103G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CBB0207 VISHAY-CBB0207 Datasheet
132Kb / 9P
   High Pulse Load Carbon Film Leaded Resistors
Revision: 07-Jul-10
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
   RESISTORS CARBON FILM DCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com