Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE3055 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJE3055
Description  10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE3055 Datasheet(HTML) 3 Page - Motorola, Inc

  MJE3055 Datasheet HTML 1Page - Motorola, Inc MJE3055 Datasheet HTML 2Page - Motorola, Inc MJE3055 Datasheet HTML 3Page - Motorola, Inc MJE3055 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJE2955T MJE3055T
3
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 221A–06
TO–220AB
ISSUE Y
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
–––
1.15
–––
Z
–––
0.080
–––
2.04
B
Q
H
Z
L
V
G
N
A
K
F
1
2 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J


Similar Part No. - MJE3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE3055 STMICROELECTRONICS-MJE3055 Datasheet
65Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
MJE3055 WINGS-MJE3055 Datasheet
64Kb / 1P
   SILICON EPITAXIAL PLANAR TRANSISTOR
logo
Samsung semiconductor
MJE3055 SAMSUNG-MJE3055 Datasheet
216Kb / 6P
   NPN (GENERAL PURPOSE AND SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
MJE3055 FAIRCHILD-MJE3055 Datasheet
36Kb / 4P
   General Purpose and Switching Applications
logo
TRANSYS Electronics Lim...
MJE3055 TEL-MJE3055 Datasheet
55Kb / 1P
   Plastic-Encapsulated Transistors
More results

Similar Description - MJE3055

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
ON Semiconductor
2N6487 ONSEMI-2N6487_11 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ15011 MOTOROLA-MJ15011 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com