Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF24CA Datasheet(PDF) 5 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SMF24CA
Description  Maximum Clamp Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SMF24CA Datasheet(HTML) 5 Page - Gaomi Xinghe Electronics Co., Ltd.

  SMF24CA Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SMF24CA Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. SMF24CA Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. SMF24CA Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. SMF24CA Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. SMF24CA Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
电特性
( 测量环境温度为 25℃,除非另有规定 )
击穿电压
测试电流
变位电压
最大反向漏
电流
VWM
最大峰值脉冲
浪涌电流
最大箝位电压
I ppm
V ( BR ) ( 注释 1 )
IT
VWM
ID
I ppm
VC ( 注释 2 )
V
标识代
Marking
最小
最大
mA
V
μ
A
A
V
SMF58A
NG
64.4
71.2
1
58
1
2.1
93.6
SMF60A
NK
66.7
73.7
1
60
1
1.8
96.8
SMF64A
NM
71.1
78.6
1
64
1
1.7
103
SMF70A
NP
77.8
86
1
70
1
1.5
113
SMF75A
NR
83.3
92.1
1
75
1
1.4
121
SMF78A
NT
86.7
95.8
1
78
1
1.4
126
SMF80A
NB
88.8
97.6
1
80
1
1.55
129
SMF85A
NV
94.4
104
1
85
1
1.3
137
SMF90A
NX
100
111
1
90
1
1.2
146
SMF100A
NZ
111
123
1
100
1
1.1
162
SMF110A
PE
122
135
1
110
1
1.0
177
SMF120A
PG
133
147
1
120
1
0.9
193
SMF130A
PK
144
159
1
130
1
0.8
209
SMF140A
PB
155
171
1
140
1
0.89
224
SMF150A
PM
167
185
1
150
1
0.7
243
SMF160A
PP
178
197
1
160
1
0.7
259
SMF170A
PR
189
209
1
170
1
0.6
275
SMF180A
PT
200
220
1
180
1
0.68
292
SMF190A
PV
211
232
1
190
1
0.65
308
NOTES:
1. VBR measured at pulse test current IT at ambient temperature of 25°C.
2. Surge current waveform per Figure 2 。
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
SMF5.0A/CA~190A/CA
XINGHE ELECTRONICS
星合电子


Similar Part No. - SMF24CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF24CA MCC-SMF24CA Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
SAMYANG ELECTRONICS CO....
SMF24CA SAMYANG-SMF24CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMF24CA LUGUANG-SMF24CA Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Shanghai Yint Electroni...
SMF24CA YINT-SMF24CA Datasheet
814Kb / 5P
   SMF Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMF24CA MCC-SMF24CA Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SMF24CA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3306 TI-SN74TVC3306 Datasheet
186Kb / 9P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC16222-2 TI1-SN74TVC16222-2 Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306 TI-SN74TVC3306_07 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC3306 TI1-SN74TVC3306_15 Datasheet
876Kb / 19P
[Old version datasheet]   SN74TVC3306 Dual Voltage Clamp
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com