Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9243EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9243EB
Description  Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9243EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9243EB Datasheet HTML 2Page - Analog Devices AD9243EB Datasheet HTML 3Page - Analog Devices AD9243EB Datasheet HTML 4Page - Analog Devices AD9243EB Datasheet HTML 5Page - Analog Devices AD9243EB Datasheet HTML 6Page - Analog Devices AD9243EB Datasheet HTML 7Page - Analog Devices AD9243EB Datasheet HTML 8Page - Analog Devices AD9243EB Datasheet HTML 9Page - Analog Devices AD9243EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9243
REV. A
–6–
Typical Differential AC Characterization Curves/Plots
(AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE
= 3.00 MSPS, TA = +25 C, Differential Input)
INPUT FREQUENCY – Hz
90
85
50
100k
1M
20M
10M
80
75
55
70
65
60
–0.5dBFS
–6.0dBFS
–20.0dBFS
14.7
13.8
8.0
13.0
12.2
8.8
11.3
10.5
9.7
Figure 2. SINAD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
INPUT FREQUENCY – Hz
100k
1M
20M
10M
–0.5dBFS
–20.0dBFS
14.7
13.8
8.0
13.0
12.2
8.8
11.3
10.5
9.7
90
85
80
75
70
65
60
55
50
–6.0dBFS
Figure 5. SINAD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
SAMPLE RATE – MSPS
–60
–65
–100
0.1
1
5
5V SPAN
2V SPAN
–70
–75
–95
–80
–85
–90
Figure 8. THD vs. Sample Rate
(fIN = 1.5 MHz, AIN = –0.5 dBFS,
VCM = 2.5 V)
–0.5dBFS
–6.0dBFS
–20.0dBFS
INPUT FREQUENCY – Hz
–40
–50
–100
100k
1M
20M
10M
–70
–80
–90
–60
Figure 3. THD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
–0.5dBFS
–6.0dBFS
–20.0dBFS
INPUT FREQUENCY – Hz
–40
–50
–100
100k
1M
20M
10M
–70
–80
–90
–60
Figure 6. THD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
AIN – dBFS
110
40
–60
–50
0
–40
–30
–20
–10
100
90
80
60
50
70
dBc – 5V
dBc – 2V
dBFS – 5V
dBFS – 2V
Figure 9. Single Tone SFDR
(fIN = 1.5 MHz, VCM = 2.5 V)
93
4
2
8
5
7
6
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
0
1.5
FREQUENCY – MHz
1
Figure 4. Typical FFT, fIN = 500 kHz
(Input Span = 5 V, VCM = 2.5 V)
9
3
4
2
8
5
7
6
1
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
0
1.5
FREQUENCY – MHz
Figure 7. Typical FFT, fIN = 1.50 MHz
(Input Span = 2 V, VCM = 2.5 V)
INPUT POWER LEVEL (F1 = F2) – dBFS
110
60
–40 –35
0
–30 –25 –20 –15 –10
–5
105
90
85
75
65
100
95
80
70
5V SPAN - dBFS
5V SPAN - dBc
2V SPAN - dBFS
2V SPAN - dBc
Figure 10. Dual Tone SFDR
(f1 = 0.95 MHz, f2 = 1.04 MHz,
VCM = 2.5 V)


Similar Part No. - AD9243EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9243EB AD-AD9243EB Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243EB AD-AD9243EB Datasheet
431Kb / 25P
   Complete 14-Bit, 3.0 MSPS Complete 14-Bit, 3.0 MSPS
More results

Similar Description - AD9243EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243ASZ AD-AD9243ASZ Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243ASRL AD-AD9243ASRL Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com