Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOY516 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOY516
Description  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOY516 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOY516 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOY516 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOY516 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOY516 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOY516 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOY516 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.6
2
2.4
V
4
5
TJ=125°C
5.4
6.8
7.1
9
m
gFS
83
S
VSD
0.7
1
V
IS
46
A
Ciss
1333
pF
Coss
512
pF
Crss
42
pF
Rg
0.8
1.7
2.6
Qg(10V)
18.3
33
nC
Qg(4.5V)
8.5
17
nC
Qgs
4.8
nC
Qgd
2.5
nC
tD(on)
7.5
ns
tr
4.8
ns
tD(off)
23.3
ns
tf
4.5
ns
trr
14.1
ns
Qrr
16.2
nC
VDS=VGS,ID=250µA
Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
DYNAMIC PARAMETERS
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=20A
m
VGS=4.5V, ID=20A
Forward Transconductance
VDS=5V, ID=20A
Diode Forward Voltage
IS=1A,VGS=0V
Maximum Body-Diode Continuous Current
G
Input Capacitance
VGS=0V, VDS=15V, f=1MHz
Output Capacitance
Reverse Transfer Capacitance
Gate resistance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=10V, VDS=15V, ID=20A
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-On DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
A. The value of RθJA is measured with the device mounted on 1in FR-4 board with 2oz. Copper, in a still air environment with TA =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature TJ(MAX)=175°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C.
Rev 3: Nov 2012
www.aosmd.com
Page 2 of 6


Similar Part No. - AOY516

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOY516 ISC-AOY516 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOY516

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com