Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOI516 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOI516
Description  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOI516 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOI516 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOI516 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOI516 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOI516 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOI516 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOI516 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
10
D=T
on/T
T
=T +P
.Z
.R
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0
10
20
30
40
50
60
0
25
50
75
100
125
150
T
CASE
°
°
°C)
Figure 12: Power De-rating (Note F)
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
T
CASE
°
°
°C)
Figure 13: Current De-rating (Note F)
1
10
100
1000
10000
1E-05
0.001
0.1
10
1000
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-
Ambient (Note H)
T
A=25°C
40
0.001
0.01
0.1
1
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
T
J,PK=TA+PDM.Z
θJA.RθJA
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=50°C/W
Rev 3: Nov 2012
www.aosmd.com
Page 5 of 6


Similar Part No. - AOI516

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOI516 VBSEMI-AOI516 Datasheet
994Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOI516 ISC-AOI516 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOI516

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com