Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD474 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOD474
Description  75V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD474 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOD474 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD474 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD474 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD474 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD474 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD474 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AOD474
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
2
4
6
8
10
0
2
4
6
8
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
100
200
300
400
500
0
15
30
45
60
75
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
C
oss
C
rss
V
DS=37.5V
I
D=5A
T
J(Max)=175°C
T
C=25°C
10
µs
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
1000
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=175°C
T
C=25°C
100
µs
40
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
RθJC=5.2°C/W
Rev 0: July 2012
www.aosmd.com
Page 4 of 6


Similar Part No. - AOD474

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD474 VBSEMI-AOD474 Datasheet
1,007Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD474 ISC-AOD474 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD474A AOSMD-AOD474A Datasheet
294Kb / 6P
   75V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD474A ISC-AOD474A Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD474B AOSMD-AOD474B Datasheet
96Kb / 1P
   DPAK (TO-251) PACKAGE MARKING DESCRIPTION
More results

Similar Description - AOD474

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com