Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9060JE Datasheet(PDF) 9 Page - Analog Devices

Part # AD9060JE
Description  10-Bit 75 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9060JE Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9060JE Datasheet HTML 4Page - Analog Devices AD9060JE Datasheet HTML 5Page - Analog Devices AD9060JE Datasheet HTML 6Page - Analog Devices AD9060JE Datasheet HTML 7Page - Analog Devices AD9060JE Datasheet HTML 8Page - Analog Devices AD9060JE Datasheet HTML 9Page - Analog Devices AD9060JE Datasheet HTML 10Page - Analog Devices AD9060JE Datasheet HTML 11Page - Analog Devices AD9060JE Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9060
–9–
REV. A
–0.875V
= WIRING
–1.75V
0.1
µF
R3
R4
0.1
µF
AD580
0V
10k
R1
R
S
0.1
µF
R2
0.1
µF
150
AD9060
+V
REF
56
R
R/2
R
R/2
R
R/2
R
R/2
R
R/2
R
R/2
R
R
11
12
57
–V
SENSE
+V
SENSE
R/2
R/2
*
*
63
7
3/4
REF
1/4
REF
1/2
REF
1/2
AD708
1/2
AD708
1/2
AD708
1/2
AD708
0.1
µF
+5V
+1.75V
1
*
RESISTANCE = < 5
+0.875V
–5V
+2.5V
+1.75V
R
S
R
S
R
S
10k
10k
150
356
20k
20k
1/2
AD708
150
10k
–V
REF
AD9060 Reference Circuit
ANALOG INPUT
3/4
REF
1/2
REF
1/4
REF
+V
SENSE
–V
SENSE
AD9060 Equivalent Analog Input
DIGITAL BITS
AND OVERFLOW
GROUND
AD9060 Equivalent Digital Outputs
GROUND
14
–VS
13
ENCODE
ENCODE
–VS
AD9060 Encode and Encode
Equivalent Circuits


Similar Part No. - AD9060JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. B
More results

Similar Description - AD9060JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
   8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com