Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS196 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1SS196
Description  150mW Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS196 Datasheet(HTML) 2 Page - Micro Commercial Components

  1SS196_13 Datasheet HTML 1Page - Micro Commercial Components 1SS196_13 Datasheet HTML 2Page - Micro Commercial Components 1SS196_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
1SS196
www.mccsemi.com
Revision:
B
20
13/01/01
TM
Micro Commercial Components
2 of 3


Similar Part No. - 1SS196_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS196 TOSHIBA-1SS196_14 Datasheet
197Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
logo
Galaxy Semi-Conductor H...
1SS196 BILIN-1SS196_14 Datasheet
168Kb / 3P
   Surface mount switching diode
logo
SHENZHEN YONGERJIA INDU...
1SS196 WINNERJOIN-1SS196_15 Datasheet
85Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
logo
Galaxy Semi-Conductor H...
1SS196 BILIN-1SS196_17 Datasheet
122Kb / 3P
   Surface mount switching diode
More results

Similar Description - 1SS196_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
   150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
   150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
   150mW Switching Diodes
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
   150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
   150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
   150mW Switching Diodes
1SS193-13 MCC-1SS193-13 Datasheet
552Kb / 3P
   150mW Switching Diodes
BAS16V MCC-BAS16V_13 Datasheet
325Kb / 3P
   150mW Switching Diodes
1SS196 MCC-1SS196 Datasheet
528Kb / 3P
   150mW Switching Diodes
1N4448X MCC-1N4448X_11 Datasheet
220Kb / 4P
   150mW Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com